Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32C011F6P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32C011F6P6 Datasheet HTML 81Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 82Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 83Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 84Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 85Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 86Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 87Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 88Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
DS13866 Rev 3
85/94
STM32C011x4/x6
Package information
90
Figure 31. WLCSP12 – Footprint example
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks that identify the parts throughout supply chain
operations, are not indicated below.
Figure 32. WLCSP12 package marking example
Table 66. WLCSP12 – Example of PCB design rules
Dimension
Recommended values
Pitch
0.35 mm
Dpad
0.200 mm
Dsm
0.275 mm
Stencil thickness
0.08 mm
BGA_WLCSP_FT_V1
Dsm
Dpad
MS55865V1
Date code
Pin 1 identifier
3C0
Product identification(1)
Y
WW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com