Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32C011F6P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32C011F6P6 Datasheet HTML 6Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 7Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 8Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 9Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 10Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 11Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 12Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 13Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Description
STM32C011x4/x6
10/94
DS13866 Rev 3
Figure 1. Block diagram
TIMER 16/17
Power domain of analog blocks :
System and
peripheral
clocks
PA[14:0]
PB[7,6]
PC[15,14]
PF[2]
MOSI/SD
MISO/MCK
SCK/CK
NSS/WS as AF
SWCLK
SWDIO
as AF
OSCX_IN
OSCX_OUT
RTC_OUT
RTC_REFIN
RTC_TS
HSI48
LSI
1 channel as AF
1 channel as AF
4 ch., ETR as AF
CPU
CORTEX-M0+
fmax = 48 MHz
SWD
NVIC
EXTI
SPI1/I2S
AHB-to-APB
RCC
Reset & clock control
IWDG
SRAM
6 KB
RTC
I/F
RC 48 MHz
RC 32 kHz
I/F
VDD
RX, TX,CTS, RTS
as AF
Port C
Port B
Port A
VDDA
SUPPLY
SUPERVISION
POWER
VCORE
POR
Reset
Int
VDD/VDDA
VSS/VSSA
NRST
POR/BOR
Voltage
regulator
USART1
TIM16 & 17
TIM14
TIM3
TIM1
GPIOs
IOPORT
HSE
LSE
LSE
T sensor
CRC
SCL, SDA, SMBA,
SMBUS as AF
I2C1
DBGMCU
WWDG
PWRCTRL
SYSCFG
DMA
DMAMUX
Port F
VDDA
VDDIO1
VDD
Parity
Flash memory
up to 32 KB
VDDIO1
13x IN
I/F
ADC
RX, TX,CTS, RTS
as AF
USART2
XTAL32 kHz
XTAL OSC
4-48 MHz
from peripherals
IR_OUT
IRTIM
4 ext./2 int. channels
BKIN, ETR input as AF
MSv65922V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com