Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32C011F6P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32C011F6P6 Datasheet HTML 12Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 13Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 14Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 15Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 16Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 17Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 18Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 19Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
Functional overview
STM32C011x4/x6
16/94
DS13866 Rev 3
3.9
Clocks and startup
The clock controller distributes the clocks coming from different oscillators to the core and
the peripherals. It also manages clock gating for low-power modes and ensures clock
robustness. It features:
•
Clock prescaler: to get the best trade-off between speed and current consumption,
the clock frequency to the CPU and peripherals can be adjusted by a programmable
prescaler
•
Safe clock switching: clock sources can be changed safely on the fly in run mode
through a configuration register.
•
Clock management: to reduce power consumption, the clock controller can stop the
clock to the core, individual peripherals or memory.
•
System clock source: the clock following sources can deliver SYSCLK system clock:
–
4-48 MHz high-speed oscillator with external crystal or ceramic resonator (HSE).
The HSE can also be configured in bypass mode for an external clock.
–
48 MHz high-speed internal RC oscillator (HSI48), trimmable by software.
–
LSE - a low-speed oscillator with external crystal (32768 Hz)
–
LSI - an internal low-speed RC oscillator (32 kHz)
Table 4. Interconnect of peripherals
Interconnect source
Interconnect
destination
Interconnect action
Run Sleep Stop
TIMx
TIMx
Timer synchronization or chaining
Y
Y
-
ADCx
Conversion triggers
Y
Y
-
DMA
Memory-to-memory transfer trigger
Y
Y
-
ADCx
TIM1
Timer triggered by analog watchdog
Y
Y
-
RTC
TIM16
Timer input channel from RTC events
Y
Y
-
All clock sources (internal and
external)
TIM14,16,17
Clock source used as input channel for
RC measurement and trimming
YY
-
CSS
RAM (parity error)
TIM1,16,17
Timer break
Y
Y
-
CPU (hard fault)
TIM1,16,17
Timer break
Y
-
-
GPIO
TIM1,3
External trigger
Y
Y
-
ADC
Conversion external trigger
Y
Y
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com