Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920B Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 60Page - STMicroelectronics ST25R3920B Datasheet HTML 61Page - STMicroelectronics ST25R3920B Datasheet HTML 62Page - STMicroelectronics ST25R3920B Datasheet HTML 63Page - STMicroelectronics ST25R3920B Datasheet HTML 64Page - STMicroelectronics ST25R3920B Datasheet HTML 65Page - STMicroelectronics ST25R3920B Datasheet HTML 66Page - STMicroelectronics ST25R3920B Datasheet HTML 67Page - STMicroelectronics ST25R3920B Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 158 page
background image
Application information
ST25R3920B
64/158
DS13890 Rev 4
Duration time: 5 ms max.
This command is not accepted if external definition of the regulated voltage is selected in
the Regulator voltage control register (bit reg_s is set to 1).
4.4.11
Measure phase
This command measures the phase difference between the signals on the RFO outputs and
the signals on the RFI inputs and stores the result in the A/D converter output register.
This command enables the transmitter and phase detector, and performs an A/D conversion
of the output of the phase detector with the A/D converter in relative mode. The phase
measurement results can be calculated using the following formulas:
•
0 ≤ Φ ≤ 17º: result = 255
•
17 < Φ < 163º: angle [º] = 17 + (1 -result / 255) * 146
•
163 ≥ Φ ≥ 180º: result = 0
Duration time: 25 μs max.
4.4.12
Clear RSSI
The receiver automatically clears the RSSI bits in the RSSI display register and starts a new
measurement of the RSSI when a new reception is started (e.g. after a Transmit direct
command). Since the RSSI bits store the peak value (peak-hold type) eventual variation of
the receiver input signal will not be followed (this may happen in case of a long message or
test procedure).
The direct command Clear RSSI clears the RSSI bits in the RSSI display register, and
restarts the RSSI measurement. This allows to obtain multiple RSSI measurements during a
single reception.
4.4.13
Transparent mode
This command sets the receiver and transmitter into the transparent mode. The device
enters the transparent mode on the rising edge of the BSS signal of the SPI frame used to
send the direct command. The transparent mode is maintained as long as signal BSS is
kept high, that is, the following SPI command sent from the microcontroller will automatically
stop the transparent mode.
4.4.14
Measure power supply
This command measures the power supply. The bits mpsv<2:0> in the Regulator voltage
control register select which signal is measured. The result of the measurement is stored in
the A/D converter output register.
For power supply measurements the selected supply input voltage is divided by three and
measured with the A/D converter in absolute mode. This leads to a resolution of 23.4 mV
per LSB for all power supply measurements.
Duration time: 25 μs max.
4.4.15
Trigger RC calibration
The command triggers the RC calibration cycle for the active waveshaping filter constant.
The result can be read in AWS time 6 register and IRQ I_dct signals end of calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com