Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920B Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 24Page - STMicroelectronics ST25R3920B Datasheet HTML 25Page - STMicroelectronics ST25R3920B Datasheet HTML 26Page - STMicroelectronics ST25R3920B Datasheet HTML 27Page - STMicroelectronics ST25R3920B Datasheet HTML 28Page - STMicroelectronics ST25R3920B Datasheet HTML 29Page - STMicroelectronics ST25R3920B Datasheet HTML 30Page - STMicroelectronics ST25R3920B Datasheet HTML 31Page - STMicroelectronics ST25R3920B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 158 page
background image
Application information
ST25R3920B
28/158
DS13890 Rev 4
Correlator
The correlators correlate the incoming filtered subcarrier with 848 kHz. The aim of the
correlation is to maximize the system sensitivity at 848 kHz, while rejecting other
frequencies. There are two correlators in the system for AM (or I) channel and PM (or Q)
channel.
Correlator settings are defined in Correlator configuration register 1 and Correlator
configuration register 2.
RSSI
The receiver also performs the RSSI (received signal strength indicator) measurement for
both channels. The RSSI measurement is started after the rising edge of rx_on. It stays
active while the signal rx_on is high and frozen while rx_on is low. It is a peak hold system
where the value can only increase from initial 0 value. Every time the AGC reduces the gain
the RSSI measurement is reset and starts from 0. The result of RSSI measurements is a
4-bit value that can be observed by reading the RSSI display register. The LSB step is
2.8 dB, the maximum value is Dh (13d).
Since the RSSI measurement is of peak hold type, the result does not follow any variations
in the signal strength (the highest value will be kept). To follow RSSI variation it is possible
to reset RSSI bits and restart the measurement by sending direct command Clear RSSI.
Clock extractor
The clock extractor observes the RFI1 and RFI2 differential signal and provides a clock
signal synchronous with the incoming RF field. The extracted clock is used for synchronous
demodulation, for correct frame delay time and for correct data timing during passive
transmission. The clock extractor is active down to 60 mVPP input signal.
4.2.3
Antenna tuning
The ST25R3920B supports antenna tuning through external variable capacitors. The
variable capacitor is connected on its position in the matching network, and the tuning
control voltage is connected to one of the control output pins (AAT_A, AAT_B).
The variable capacitors can be connected in series and parallel configurations in the
matching network. Further information on the various configuration options can be found in
the application note AN5322, available on www.st.com.
The phase and amplitude detector block is used for resonance frequency checking. The
algorithm in the MCU evaluates the result and adjusts the tuning voltages at AAT_A and
AAT_B output pins via the Antenna tuning control register 1 and Antenna tuning control
register 2 according to the procedure in the MCU firmware.
The AAT_A/B pin voltages are actively set according to Antenna tuning control register 1
and Antenna tuning control register 2 when en and aat_en option bits are both set.
If aat_en=1 and en=0, the AAT_A/B voltages are set to a fixed value between 1.5 and 2.2 V
(typically 1.9 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com