Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920B Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 72Page - STMicroelectronics ST25R3920B Datasheet HTML 73Page - STMicroelectronics ST25R3920B Datasheet HTML 74Page - STMicroelectronics ST25R3920B Datasheet HTML 75Page - STMicroelectronics ST25R3920B Datasheet HTML 76Page - STMicroelectronics ST25R3920B Datasheet HTML 77Page - STMicroelectronics ST25R3920B Datasheet HTML 78Page - STMicroelectronics ST25R3920B Datasheet HTML 79Page - STMicroelectronics ST25R3920B Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 158 page
background image
Application information
ST25R3920B
76/158
DS13890 Rev 4
4.5.6
ISO14443A and NFC 106kb/s settings register
Register space: A
Address: 05h
Type: RW
Table 26. ISO14443A and NFC 106kb/s settings register
Bit
Name
Default
Function
Comments
7
no_tx_par
0
1: No parity bit is generated
during Tx
Data stream is taken from FIFO, transmit to be
done using command Transmit Without CRC(1).
6
no_rx_par
0
1: Receive and put in FIFO also
the parity bit
When set to 1 received bit stream is put in the
FIFO, no parity and CRC detection is done(1).
Supported only for 106 kbit/s data rate.
5nfc_f0
0
1: Support of NFCIP-1 Transport
Frame format
Adds SB (F0) and LEN bytes during Tx and skip
SB (F0) byte during Rx.
Must not be set in bit rate detection mode.
4
p_len3
0
Refer to Table 27
Modulation pulse width, defined in number of
13.56 MHz clock periods.
3
p_len2
0
2
p_len1
0
1
p_len0
0
0
antcl
0
0: Standard frame
1: ISO14443 anticollision frame
Must be set to 1 for reception of ISO14443A bit
oriented anticollision frames in reader mode.
Must be set to 0 for all other frames and modes.
1. Supported in reader modes only, not supported in card emulation modes.
Table 27. Modulation pulse width
p_len3
p_len2
p_len1
p_len0
ISO14443A modulation pulse width
in number of 1 / fc for different bit rates
Stream
mode
(ISO15693)
(1)
fc/128
fc/64
fc/32
fc/16
fc
0
111
42
-
-
-
-
0
110
41
24
-
-
-
0
101
40
23
-
-
-
0
1
0
0
39
22
13
-
-
0
0
1
1
38
21
12
8
-
0
010
37
20
11
7
-
0
0
0
1
36
19
10
6
-
0
0
0
0
35
18
9
5
128
1
1
1
1
34
17
8
4
120
1
110
33
16
7
3
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com