Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TB04K Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25TB04K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB04K Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25TB04K Datasheet HTML 17Page - STMicroelectronics ST25TB04K Datasheet HTML 18Page - STMicroelectronics ST25TB04K Datasheet HTML 19Page - STMicroelectronics ST25TB04K Datasheet HTML 20Page - STMicroelectronics ST25TB04K Datasheet HTML 21Page - STMicroelectronics ST25TB04K Datasheet HTML 22Page - STMicroelectronics ST25TB04K Datasheet HTML 23Page - STMicroelectronics ST25TB04K Datasheet HTML 24Page - STMicroelectronics ST25TB04K Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Command
Tag1
Tag2
Tag3
Tag4
Tag5
Tag6
Tag7
Tag8
Comment
Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID Chip_ID
SLOT_MARKER(5) 45h(*)
-
-
(*)
55h(*)
(*)
(*)
(*)
Slot5: collision
SLOT_MARKER(6) (*)
-
-
(*)
(*)
(*)
(*)
(*)
Slot6: no answer
SLOT_MARKER(N) (*)
-
-
(*)
(*)
(*)
(*)
(*)
SlotN: no answer
SLOT_MARKER(F) (*)
-
-
(*)
(*)
(*)
(*)
(*)
SlotF: no answer
PCALL16()
40h(*)
-
-
41h(*)
53h(*)
42h(*)
50h(*)
74h(*)
All CHIP_SLOT_ NUMBERs get a
new random value
40h(*)
-
-
(*)
(*)
(*)
50h(*)
(*)
Slot0: collision
SLOT_MARKER(1) (*)
-
-
41h(*)
(*)
(*)
(*)
(*)
Slot1: only one answer
SELECT(41h)
(*)
-
-
41h
(*)
(*)
(*)
(*)
Tag4 is identified
SLOT_MARKER(2) (*)
-
-
-
(*)
42h(*)
(*)
(*)
Slot2: only one answer
SELECT(42h)
(*)
-
-
-
(*)
42h
(*)
(*)
Tag6 is identified
SLOT_MARKER(3) (*)
-
-
-
53h(*)
-
(*)
(*)
Slot3: only one answer
SELECT(53h)
(*)
-
-
-
53h
-
(*)
(*)
Tag5 is identified
SLOT_MARKER(4) (*)
-
-
-
-
-
(*)
74h(*)
Slot4: only one answer
SELECT(74h)
(*)
-
-
-
-
-
(*)
74h
Tag8 is identified
SLOT_MARKER(N) (*)
-
-
-
-
-
(*)
-
SlotN: no answer
PCALL16()
41h(*)
-
-
-
-
-
50h(*)
-
All CHIP_SLOT_ NUMBERs get a
new random value
(*)
-
-
-
-
-
50h(*)
-
Slot0: only one answer
SELECT(50h)
(*)
-
-
-
-
-
50h
-
Tag7 is identified
SLOT_MARKER(1) 41h(*)
-
-
-
-
-
-
-
Slot1: only one answer but already
found for tag4
SLOT_MARKER(N) (*)
-
-
-
-
-
-
-
SlotN: only one answer
PCALL16()
43h(*)
-
-
-
-
-
-
-
All CHIP_SLOT_ NUMBERs get a
new random value
(*)
-
-
-
-
-
-
-
Slot0: only one answer
SLOT_MARKER(3) 43h(*)
-
-
-
-
-
-
-
Slot3: only one answer
SELECT(43h)
43h
-
-
-
-
-
-
-
Tag1 is identified
-
(*)
-
-
-
-
-
-
-
All tags are identified
ST25TB04K
Description of an anticollision sequence
DS11364 - Rev 7
page 21/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com