Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TB04K Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25TB04K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB04K Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25TB04K Datasheet HTML 24Page - STMicroelectronics ST25TB04K Datasheet HTML 25Page - STMicroelectronics ST25TB04K Datasheet HTML 26Page - STMicroelectronics ST25TB04K Datasheet HTML 27Page - STMicroelectronics ST25TB04K Datasheet HTML 28Page - STMicroelectronics ST25TB04K Datasheet HTML 29Page - STMicroelectronics ST25TB04K Datasheet HTML 30Page - STMicroelectronics ST25TB04K Datasheet HTML 31Page - STMicroelectronics ST25TB04K Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
8.6
Reset_to_inventory() command
Command code = 0Ch
On receiving the Reset_to_inventory() command, all ST25TB04K devices in Selected state revert to Inventory
state. The concerned ST25TB04K devices are thus resubmitted to the anticollision sequence. This command is
useful when two ST25TB04K devices with the same 8-bit Chip_ID happen to be in Selected state at the same
time. Forcing them to go through the anticollision sequence again allows the reader to generates new Pcall16()
commands and so, to set new random Chip_IDs.
The Reset_to_inventory() command does not generate a response.
All ST25TB04K devices that are not in Selected state ignore the Reset_to_inventory() command.
Figure 33. Reset_to_inventory request format
SOF
RESET_TO_INVENTORY
CRCL
CRCH
EOF
0Ch
8 bits
8 bits
Request parameter:
•
No parameter
Figure 34. Reset_to_inventory response format
No Response
Figure 35. Reset_to_inventory frame exchange between reader and ST25TB04K
SOF
0Ch
CRCL CRCH EOF
Reader
ST25TBxxx
No Response
ST25TB04K
Reset_to_inventory() command
DS11364 - Rev 7
page 28/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com