Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12E Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEF12E Datasheet HTML 8Page - STMicroelectronics STEF12E Datasheet HTML 9Page - STMicroelectronics STEF12E Datasheet HTML 10Page - STMicroelectronics STEF12E Datasheet HTML 11Page - STMicroelectronics STEF12E Datasheet HTML 12Page - STMicroelectronics STEF12E Datasheet HTML 13Page - STMicroelectronics STEF12E Datasheet HTML 14Page - STMicroelectronics STEF12E Datasheet HTML 15Page - STMicroelectronics STEF12E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
DFN10 (3x3 mm) package information
Figure 21. DFN10 (3x3 mm) package outline
7426335_L
STEF12E
Package information
DS12800 - Rev 2
page 12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com