Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12E Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEF12E Datasheet HTML 9Page - STMicroelectronics STEF12E Datasheet HTML 10Page - STMicroelectronics STEF12E Datasheet HTML 11Page - STMicroelectronics STEF12E Datasheet HTML 12Page - STMicroelectronics STEF12E Datasheet HTML 13Page - STMicroelectronics STEF12E Datasheet HTML 14Page - STMicroelectronics STEF12E Datasheet HTML 15Page - STMicroelectronics STEF12E Datasheet HTML 16Page - STMicroelectronics STEF12E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Table 6. DFN10 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
00.5
A2
0.70
A3
0.20
b
0.18
0.23
0.30
D
2.85
3.00
3.15
D2
2.23
2.38
2.50
E
2.85
3.00
3.15
E2
1.49
1.64
1.75
E3
0.230
E4
0.365
e
0.50
L
0.30
0.40
0.50
ddd
0.08
Figure 22. DFN10 (3x3 mm) recommended footprint
7426335_L
STEF12E
DFN10 (3x3 mm) package information
DS12800 - Rev 2
page 13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com