Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GSC Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGAP2GSC
Description  Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GSC Datasheet(HTML) 5 Page - STMicroelectronics

  STGAP2GSC Datasheet HTML 1Page - STMicroelectronics STGAP2GSC Datasheet HTML 2Page - STMicroelectronics STGAP2GSC Datasheet HTML 3Page - STMicroelectronics STGAP2GSC Datasheet HTML 4Page - STMicroelectronics STGAP2GSC Datasheet HTML 5Page - STMicroelectronics STGAP2GSC Datasheet HTML 6Page - STMicroelectronics STGAP2GSC Datasheet HTML 7Page - STMicroelectronics STGAP2GSC Datasheet HTML 8Page - STMicroelectronics STGAP2GSC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4
Electrical characteristics
Testing conditions: TJ = 25 °C, VH = 6 V, VDD = 5 V unless otherwise specified.
Typical values are intended at TJ = 25 °C.
Table 5. Electrical characteristics
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Dynamic characteristics
tDon
IN+, IN-
Input to output
propagation delay ON
VDD = 5 V, TJ = 25°C
35
42
50
ns
VDD = 5 V,
-40°C ≤ TJ ≤ +125°C
(1)
30
70
ns
VDD = 3.3 V, TJ =
25°C
45
55
65
ns
VDD = 3.3 V,
-40°C ≤ TJ ≤ +125°C
(1)
39
93
ns
tDoff
IN+, IN-
Input to output
propagation delay OFF
VDD = 5 V, TJ = 25°C
35
42
50
ns
VDD = 5 V,
-40°C ≤ TJ ≤ +125°C
(1)
30
70
ns
VDD = 3.3 V, TJ =
25°C
45
55
65
ns
VDD = 3.3 V,
-40°C ≤ TJ ≤ +125°C
(1)
39
93
ns
tr
Rise time
CL= 4.7 nF
see Figure 8
30
ns
tf
Fall time
30
ns
PWD
Pulse Width Distortion
|tDon - tDoff|
8
ns
CMTI (1)
Common-mode transient
immunity, |dVISO/dt|
VCM = 1500 V,
see Figure 9
100
V/ns
Supply voltage
VHon
VH
VH UVLO turn-on
threshold
4.2
4.5
4.8
V
VHoff
VH
VH UVLO turn-off
threshold
4.1
4.4
4.7
V
VHhyst
VH
VH UVLO hysteresis
90
100
130
mV
IQH
VH
VH quiescent supply
current
1.3
1.8
mA
IQHSBY
VH
Standby VH quiescent
supply current
Standby mode
400
550
µA
SafeClp
GOFF
GOFF active clamp
IGOFF = 0.2 A;
VH floating
2
2.3
V
IQDD
VDD
VDD quiescent supply
current
1.0
1.3
mA
STGAP2GS
Electrical
characteristics
DS14152 - Rev 1
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com