Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GSC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGAP2GSC
Description  Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GSC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGAP2GSC Datasheet HTML 5Page - STMicroelectronics STGAP2GSC Datasheet HTML 6Page - STMicroelectronics STGAP2GSC Datasheet HTML 7Page - STMicroelectronics STGAP2GSC Datasheet HTML 8Page - STMicroelectronics STGAP2GSC Datasheet HTML 9Page - STMicroelectronics STGAP2GSC Datasheet HTML 10Page - STMicroelectronics STGAP2GSC Datasheet HTML 11Page - STMicroelectronics STGAP2GSC Datasheet HTML 12Page - STMicroelectronics STGAP2GSC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
6.3
Control inputs
The device is controlled through the IN+ and IN- logic inputs, in accordance with the truth table described in
following Table 9
Table 9. STGAP2GS inputs truth table (applicable when device is not in UVLO or "safe state")
Input pins
Output pins
IN+
IN-
GON
GOFF
L
L
OFF
ON
H
L
ON
OFF
L
H
OFF
ON
H
H
OFF
ON
6.4
Watchdog
The isolated HV side has a watchdog function in order to identify when it is not able to communicate with LV side,
for example because the VDD of the LV side is not supplied. In this case the output of the driver is forced in “safe
state” until communication link is properly established again.
6.5
Thermal shutdown protection
The device provides a thermal shutdown protection. When junction temperature reaches the TSD temperature
threshold, the device is forced in “safe state”. The device operation is restored as soon as the junction
temperature is lower than TSD-Thys.
6.6
Standby function
In order to reduce the power consumption of both control interface and gate driving sides the device can be put in
standby mode. In standby mode the quiescent current from VDD and VH supply pins is reduced to IQDDSBY and
IQHSBY respectively, and the output remains in “safe state” (the output is actively forced low).
The way to enter standby is to keep both IN+ and IN- high (“standby” value) for a time longer than tSTBY. During
standby the inputs can change from the “standby” value.
To exit standby, IN+ and IN- must be put in any combination different from the “standby” value for a time longer
than tstbyfilt, and then in the “standby” value for a time t such that tWUP < t < tSTBY.
When the input configuration is changed from the “standby” value the output is enabled and set according to
inputs state after a time tawake.
Figure 4. Standby state sequences
Sequence to enter stand-by mode
Sequence to exit stand-by mode
IN+ & IN-
Device status
Output
ACTIVE
STAND-BY
SAFE-STATE
ACTIVE
“stand-by”
“stand-by”
duration too short
IN+ & IN-
Device status
Output
ACTIVE
STAND-BY
SAFE-STATE
ACTIVE
ACTIVE
ACTIVE
“stand-by”
“stand-by”
“stand-by”
“stand-by”
duration
too short
duration too long
“stand-by”: IN+ = IN- = HIGH
is any different combination
t = tSTBY
t < tSTBY
t = tSTBY
t > tSTBY
t = tawake
t > tstbyflt t < tWUP
tWUP< t < tSTBY
STGAP2GS
Control inputs
DS14152 - Rev 1
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com