Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GSC Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGAP2GSC
Description  Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GSC Datasheet(HTML) 4 Page - STMicroelectronics

  STGAP2GSC Datasheet HTML 1Page - STMicroelectronics STGAP2GSC Datasheet HTML 2Page - STMicroelectronics STGAP2GSC Datasheet HTML 3Page - STMicroelectronics STGAP2GSC Datasheet HTML 4Page - STMicroelectronics STGAP2GSC Datasheet HTML 5Page - STMicroelectronics STGAP2GSC Datasheet HTML 6Page - STMicroelectronics STGAP2GSC Datasheet HTML 7Page - STMicroelectronics STGAP2GSC Datasheet HTML 8Page - STMicroelectronics STGAP2GSC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test
condition
Min.
Max.
Unit
VDD
Logic supply voltage vs. GND
- 0.3
6
V
VLOGIC
Logic pins voltage vs. GND
- 0.3
6
V
VH
Positive supply voltage
(VH vs. GNDISO)
- 0.3
15
V
VOUT
Voltage on gate driver outputs
(GON, GOFF vs. GNDISO)
- 0.3
VH + 0.3
V
TJ
Junction temperature
- 40
150
°C
TS
Storage temperature
- 50
150
°C
ESD
HBM (human body model)
2
kV
3.2
Recommended operating conditions
Table 3. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VDD
Logic supply voltage vs. GND
3.1
5.5
V
VLOGIC
Logic pins voltage vs. GND
0
5.5
V
VH
Positive supply voltage
(VH vs. GNDISO)
Max(VHon)
13
V
dVH/dt
VH Power-up transient
VH = 0 to 6 V
100
μs
FSW
Maximum switching frequency.(1)
2
MHz
TJ
Operating Junction Temperature
-40
125
°C
1. Actual limit depends on power dissipation and TJ
3.3
Thermal data
Table 4. Thermal data
Symbol
Parameter
Test condition
Value
Unit
Rth(JA)
Thermal resistance junction to ambient
JEDEC 2s2p PCB in
still air
130
°C/W
STGAP2GS
Electrical data
DS14152 - Rev 1
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com