Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LRS3165B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9LRS3165B
Description  64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3165B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9LRS3165B Datasheet HTML 9Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 10Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 11Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 12Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 13Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 14Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 15Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 16Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
IDT®
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1533B—01/06/15
9LRS3165B
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
13
Electrical Characteristics - 27MHz_Spread / 27MHz_NonSpread
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
-50
50
1,6
-15
15
6
Clock period
T
period
27.000MHz output nominal
37.0365
37.0376
ns
6
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.55
V
1
V
OH @MIN = 1.0 V
-29
mA
1
V
OH@MAX = 3.135 V
-23
mA
1
V
OL @ MIN = 1.95 V
29
mA
1
V
OL @ MAX = 0.4 V
27
mA
1
Edge Rate
t
slewr/f
Rising/Falling edge rate
1
4
V/ns
1
Rise Time
t
r1
V
OL = 0.4 V, VOH = 2.4 V
0.5
2
ns
1
Fall Time
t
f1
V
OH = 2.4 V, VOL = 0.4 V
0.5
2
ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
t
ltj
Long Term (10us), VT = 1.5 V
800
ps
1
t
jpk-pk
V
T = 1.5 V
-200
200
ps
1
t
jcyc-cyc
V
T = 1.5 V
200
ps
1
ppm
I
OL
Jitter
Output High Current
I
OH
Output Low Current
Long Accuracy
ppm
see Tperiod min-max values
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,6
Clock period
T
period
14.318MHz output nominal
69.8203
69.8622
ns
6
Absolute min/max period
T
abs
14.318MHz output nominal
69.8203
70.86224
ns
6
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-33
-33
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
30
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-cyc
V
T = 1.5 V
1000
ps
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com