Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LRS3165B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS9LRS3165B
Description  64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3165B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS9LRS3165B Datasheet HTML 17Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 18Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 19Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 20Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 21Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 22Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 23Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 24Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IDT®
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1533B—01/06/15
9LRS3165B
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
21
Byte 11 iAMT/CPU2 Control Register
Bit
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
--
0
6
Reserved
Reserved
RW
--
0
5
Reserved
Reserved
RW
--
0
4
Reserved
Reserved
RW
--
0
3
CPU2_AMT_EN
M1 mode clk enable, only if ITP_EN=1
RW
Disable
Enable
0
2
CPU1_AMT_EN
M1 mode clk enable
RW
Disable
Enable
1
1
Reserved
Reserved
RW
--
0
0
CPU2 Stop Enable
Enables control of CPU2 with CPU_STOP#
RW
Free Running
Stoppable
1
Byte 12 Byte Count Register
Bit
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
0
6
Reserved
Reserved
RW
-
-
0
5
BC5
RW
-
-
0
4
BC4
RW
-
-
0
3
BC3
RW
-
-
1
2
BC2
RW
-
-
1
1
BC1
RW
-
-
0
0
BC0
RW
-
-
1
Byte 13 Single Ended Output Slew Rate Control Register
Bit
Name
Description
RW
0
1
Default
7
REF
RW
00 = Hi-Z
01 = 1.4 V/ns
0
6
REF
RW
10 = 2.0 V/ns
11 = 2.4 V/ns
1
5
27M_FIX
RW
00 = Hi-Z
01 = 1.4 V/ns
0
4
27M_FIX
RW
10 = 2.0 V/ns
11 = 2.4 V/ns
1
3
27M_SS
RW
00 = Hi-Z
01 = 1.4 V/ns
0
2
27M_SS
RW
10 = 2.0 V/ns
11 = 2.4 V/ns
1
1
Reserved
Reserved
RW
-
-
0
0
Reserved
Reserved
RW
-
-
0
Byte 14 Reserved
Bit
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
X
6
Reserved
Reserved
RW
-
-
X
5
Reserved
Reserved
RW
-
-
X
4
Reserved
Reserved
RW
-
-
X
3
Reserved
Reserved
RW
-
-
X
2
Reserved
Reserved
RW
-
-
X
1
Reserved
Reserved
RW
-
-
X
0
Reserved
Reserved
RW
-
-
X
Byte 15 Reserved
Bit
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
X
6
Reserved
Reserved
RW
-
-
X
5
Reserved
Reserved
RW
-
-
X
4
Reserved
Reserved
RW
-
-
X
3
Reserved
Reserved
RW
-
-
X
2
Reserved
Reserved
RW
-
-
X
1
Reserved
Reserved
RW
-
-
X
0
Reserved
Reserved
RW
-
-
X
Byte 16 Reserved
Bit
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
X
6
Reserved
Reserved
RW
-
-
X
5
Reserved
Reserved
RW
-
-
X
4
Reserved
Reserved
RW
-
-
X
3
Reserved
Reserved
RW
-
-
X
2
Reserved
Reserved
RW
-
-
X
1
Reserved
Reserved
RW
-
-
X
0
Reserved
Reserved
RW
-
-
X
Read Back byte count register,
max bytes = 32
Slew Rate Control
Slew Rate Control
Slew Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com