Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LRS3165B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LRS3165B
Description  64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3165B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LRS3165B Datasheet HTML 1Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 2Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 3Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 4Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 5Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 6Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 7Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 8Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IDT®
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1533B—01/06/15
9LRS3165B
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
2
TSSOP Pin Description
Pin#
Pin Name
Type DESCRIPTION
1
PCI0/CR#_A
I/O
3.3V PCI clock output or Clock Request control A for either SRC0 or SRC2 pair
The power-up default is PCI0 output, but this pin may also be used as a Clock
Request control of SRC pair 0 or SRC pair 2 via SMBus. Before configuring this
pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 0
of SMBus address space . After the PCI output is disabled (high-Z), the pin can
then be set to serve as a Clock Request pin for either SRC pair 2 or pair 0 using
the CR#_A_EN bit located in byte 5 of SMBUs address space.
Byte 5, bit 7
0 = PCI0 enabled (default)
1= CR#_A enabled.
Byte 5, bit 6 controls whether CR#_A controls SRC0 or SRC2 pair
Byte 5, bit 6
0 = CR#_A controls SRC0 pair (default),
1= CR#_A controls SRC2 pair
2
VDDPCI
PWR Power supply pin for the PCI outputs, 3.3V nominal
3
PCI1/CR#_B
I/O
3.3V PCI clock output/Clock Request control B for either SRC1 or SRC4 pair
The power-up default is PCI1 output, but this pin may also be used as a Clock
Request control of SRC pair 1 or SRC pair 4 via SMBus. Before configuring this
pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 1
of SMBus address space . After the PCI output is disabled (high-Z), the pin can
then be set to serve as a Clock Request pin for either SRC pair 1 or pair 4 using
the CR#_B_EN bit located in byte 5 of SMBUs address space.
Byte 5, bit 5
0 = PCI1 enabled (default)
1= CR#_B enabled.
Byte 5, bit 4 controls whether CR#_B controls SRC1 or SRC4 pair
Byte 5, bit 4
0 = CR#_B controls SRC1 pair (default)
1= CR#_B controls SRC4 pair
4
PCI2/TME
I/O
3.3V PCI clock output / Trusted Mode Enable (TME) Latched Input. This pin is
sampled on power-up as follows
0 = Overclocking of CPU and SRC Allowed
1 = Overclocking of CPU and SRC NOT allowed
After being sampled on power-up, this pin becomes a 3.3V PCI Output
5
PCI3
OUT 3.3V PCI clock output.
6
PCI4/27_SEL
I/O
3.3V PCI clock output / 27MH mode select for pin17, 18 strap. On powerup, the
logic value on this pin determines the power-up default of DOT_96/SRC0 and
27MHz/SRC1 output and the function table for the pin17 and pin18.
7
PCI5_F/ITP_EN
I/O
Free running PCI clock output and ITP/SRC8 enable strap. This output is not
affected by the state of the PCI_STOP# pin. On powerup, the state of this pin
determines whether pins 46 and 47 are an ITP or SRC pair.
0 =SRC8/SRC8#
1 = ITP/ITP#
8
GNDPCI
PWR Ground for PCI clocks.
9
VDD48
PWR Power supply for USB clock, nominal 3.3V.
10
USB48M/FSLA
I/O
Fixed 48MHz USB clock output. 3.3V./ 3.3V tolerant input for CPU frequency
selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values.
11
GND48
PWR Ground pin for the 48MHz outputs.
12
VDDI/O96MHz
PWR
1.05V to 3.3V from external power supply
13
DOT96T/SRCT_LR0
OUT
True clock of SRC or DOT96. The power-up default function depends on
27_Select,1= SRC0, 0=DOT96
14
DOT96C/SRCC_LR0
OUT
Complement clock of SRC or DOT96. The power-up default function depends
on 27_Select,1= SRC0, 0=DOT96
15
GND
PWR Ground pin for the DOT96 clocks.
16
VDD
PWR Power supply for SRC / SE1 and SE2 clocks, 3.3V nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com