Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9P960AFLF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9P960AFLF
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9P960AFLF Datasheet(HTML) 4 Page - Renesas Technology Corp

  9P960AFLF Datasheet HTML 1Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 2Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 3Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 4Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 5Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 6Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 7Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 8Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
4
9P960
REV A 051811
Timing
Switching Characteristics1
TA = 0 - 70°C; Supply Voltage AVDD1.8, VDD1.8/1.5 = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Max clock frequency
freqop
1.8V+0.1V @ 25°C
150
600
MHz
Application Frequency
Range
freq
Ap p
1.8V+0.1V @ 25°C
160
533
MHz
Input clock duty cycle
d
tin
40
60
%
CLK stabilization
T
ST AB
15
µs
TA = 0 - 70°C; Supply Voltage AVDD1.8, VDD1.8/1.5 = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
COND ITION
MIN
TYP
MAX
UNITS
Output enable time
ten
OE to any output
8
ns
Output disable time
t
dis
OE to any output
8
ns
Period jitter
tjit (pe r)
-30
30
ps
Half-period jitter
tjit(hpe r)
-40
40
ps
Input Clock
1
2.5
4
v/ns
Output Enable (OE), (OS)
0.5
v/ns
Output clock slew rate
SLr1(o)
1.5
2.5
3
v/ns
tjit(cc+)
40
ps
t
jit(cc- )
-40
ps
Dynamic Phase Offset
t( )d yn
-20
20
ps
Static Phase Offset
t
(spo)
-60
0
60
ps
Output to Output Skew
t
skew
100
ps
SSC modulation frequency
f
SSCMOD
30.00
33
kHz
SSC clock input frequency
deviation
fSSC%
0.00
-0.50
%
1. Switching characteristics guaranteed for application frequency range.
Notes:
Input slew rate
SLr1(i)
Cycle-to-cycle jitter
PLL will track SSC and
meet dynamic phase offset
in the specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com