Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9P960AFLF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9P960AFLF
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9P960AFLF Datasheet(HTML) 2 Page - Renesas Technology Corp

  9P960AFLF Datasheet HTML 1Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 2Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 3Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 4Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 5Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 6Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 7Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 8Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
2
9P960
REV A 051811
Pin Descriptions
Pin#
Pin Name
Type
Pin Description
1
DDRAT0
OUT
"True" Clock of differential pair output.
2
DDRAC0
OUT
"Complementary" Clock of differential pair output.
3DDRAT1
OUT
"True" Clock of differential pair output.
4DDRAC1
OUT
"Complementary" Clock of differential pair output.
5
DDRAT2
OUT
"True" Clock of differential pair output.
6DDRAC2
OUT
"Complementary" Clock of differential pair output.
7
GND
PWR
Ground pin.
8
VDD1.8/1.5
PWR
Power supply, nominal 1.8 V or 1.5V
9
AGND
PWR
Analog Ground pin for Core PLL
10
AVDD1.8
PWR
1.8V Analog Power pin for Core PLL
11
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
12
SDATA
I/O
Data pin for S MBus circuitry, 5V tolerant.
13
VDD1.8/1.5
PWR
Power supply, nominal 1.8 V or 1.5V
14
DDRBT0
OUT
"True" Clock of differential pair output.
15
DDRBC0
OUT
"Complementary" Clock of differential pair output.
16
DDRBT1
OUT
"True" Clock of differential pair output.
17
DDRBC1
OUT
"Complementary" Clock of differential pair output.
18
DDRBT2
OUT
"True" Clock of differential pair output.
19
DDRBC2
OUT
"Complementary" Clock of differential pair output.
20
CLK_INTB_T
IN
True' reference clock input for ban k B.
21
CLK_INTB_C
IN
Complementary' reference clock i nput for bank B.
22
GND
PWR
Ground pin.
23
FB_INTB
IN
True single-ended feedback input, provides feedback signal to internal PLL for
synchronization with CLK INTB to el iminate phase error on bank B.
24
FB_OUTB
OUT
Feedback output, dedicated external feedback for bank B outputs.
25
DDRBC3
OUT
"Complementary" Clock of differential pair output.
26
DDRBT3
OUT
"True" Clock of differential pair output.
27
DDRBC4
OUT
"Complementary" Clock of differential pair output.
28
DDRBT4
OUT
"True" Clock of differential pair output.
29
DDRBC5
OUT
"Complementary" Clock of differential pair output.
30
DDRBT5
OUT
"True" Clock of differential pair output.
31
VDD1.8/1.5
PWR
Power supply, nominal 1.8 V or 1.5V
32
GND
PWR
Ground pin.
33
AGND
PWR
Analog Ground pin for Core PLL
34
AVDD1.8
PWR
1.8V Analog Power pin for Core PLL
35
GND
PWR
Ground pin.
36
VDD1.8/1.5
PWR
Power supply, nominal 1.8 V or 1.5V
37
DDRAC5
OUT
"Complementary" Clock of differential pair output.
38
DDRAT5
OUT
"True" Clock of differential pair output.
39
DDRAC4
OUT
"Complementary" Clock of differential pair output.
40
DDRAT4
OUT
"True" Clock of differential pair output.
41
DDRAC3
OUT
"Complementary" Clock of differential pair output.
42
DDRAT3
OUT
"True" Clock of differential pair output.
43
GND
PWR
Ground pin.
44
CLK_INTA_C
IN
Complementary' reference clock i nput for bank A.
45
CLK_INTA_T
IN
True' reference clock input for ban k A.
46
VDD1.8/1.5
PWR
Power supply, nominal 1.8 V or 1.5V
47
FB_INTA
IN
True single-ended feedback input, provides feedback signal to internal PLL for
synchronization with CLK INTA to el imate phase erro r on bank A.
48
FB_OUTA
OUT
Feedback output, dedicated external feedback for bank A outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com