Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9P960AFLF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 9P960AFLF
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9P960AFLF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 9P960AFLF Datasheet HTML 5Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 6Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 7Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 8Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 9Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 10Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 11Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 12Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
9
9P960
REV A 051811
I2C Table: Revision ID and Vendor ID Register
Byte 10
Name
Control Function
Type
Default
Bit 7
Revision_ID bit 3
RW
0
Bit 6
Revision_ID bit 2
RW
0
Bit 5
Revision_ID bit 1
RW
0
Bit 4
Revision_ID bit 0
RW
0
Bit 3
Vendor_ID bit3
RW
0
Bit 2
Vendor_ID bit2
RW
0
Bit 1
Vendor_ID bit1
RW
0
Bit 0
Vendor_ID bit0
RW
1
I2C Table: Byte Count Register
Byte 15
Name
Control Function
Type
Default
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
Rev ID
-
1
--
-
-
-
0
-
--
-
-
Vendor ID
Byte Count Programming
b(7:0)
Writing to this register will
configure how many bytes will be
read back, default is 0F = 15
bytes
--
01
--
-
Table 1: 7-Steps Skew Programming Table
7 S te p
11
10
01
00
LSB
11
900 ps
750 ps
600 ps
450 ps
10
N/A
N/A
N/A
300 ps
01
N/A
N/A
N/A
150 ps
00
N/A
N/A
N/A
0.0 ps
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com