Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9SQL4954
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4954 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9SQL4954 Datasheet HTML 4Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 5Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 6Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 7Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 8Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 9Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 10Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 11Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the
device. Functional operation of the 9SQL4952/9SQL4954/9SQL4958 at absolute maximum ratings is not implied. Exposure to absolute
maximum rating conditions may affect device reliability.
1 Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 4.6V.
Thermal Characteristics
1 EPAD soldered to board.
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Conditions
Minimum
Maximum
Units Notes
Supply Voltage
VDDx
-0.5
4.6
V
1,2
Input Voltage
VIN
-0.5
VDD + 0.5
V
1,3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins.
3.9
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD Protection
ESD prot
Human Body Model.
2500
V
1
Table 4. Thermal Characteristics
Parameter
Symbol
Conditions
Package
Typical Values
Units
Notes
9SQL4952
Thermal
Resistance
θJC
Junction to case.
NLG24
62
°C/W
1
θJb
Junction to base.
5.4
°C/W
1
θJA0
Junction to air, still air.
50
°C/W
1
θJA1
Junction to air, 1 m/s air flow.
43
°C/W
1
θJA3
Junction to air, 3 m/s air flow.
39
°C/W
1
θJA5
Junction to air, 5 m/s air flow.
38
°C/W
1
9SQL4954
Thermal
Resistance
θJC
Junction to case.
NLG32
42
°C/W
1
θJb
Junction to base.
2.4
°C/W
1
θJA0
Junction to air, still air.
39
°C/W
1
θJA1
Junction to air, 1 m/s air flow.
33
°C/W
1
θJA3
Junction to air, 3 m/s air flow.
28
°C/W
1
θJA5
Junction to air, 5 m/s air flow.
27
°C/W
1
9SQL4958
Thermal
Resistance
θJC
Junction to case.
NDG48
33
°C/W
1
θJb
Junction to base.
2.1
°C/W
1
θJA0
Junction to air, still air.
37
°C/W
1
θJA1
Junction to air, 1 m/s air flow.
30
°C/W
1
θJA3
Junction to air, 3 m/s air flow.
27
°C/W
1
θJA5
Junction to air, 5 m/s air flow.
26
°C/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com