Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9SQL4954
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4954 Datasheet(HTML) 1 Page - Renesas Technology Corp

  9SQL4954 Datasheet HTML 1Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 2Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 3Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 4Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 5Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 6Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 7Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 8Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
©2020 Renesas Electronics Corporation
February 19, 2020
Description
The 9SQL4952/9SQL4954/9SQL4958 devices comprise a family
of 3.3V PCIe Gen1–5 clock generators with UPI support. There
are 2, 4 and 8 outputs versions available and each differential
output has a dedicated OE# pin supporting PCIe CLKREQ#
functionality.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with and without spread spectrum
(SRIS, SRNS)
Typical Applications
▪ Servers/High-Performance Computing
▪ nVME Storage
▪ Networking
▪ Accelerators
▪ Industrial Control
Key Specifications
▪ 90fs RMS typical jitter (PCIe Gen5 CC)
▪ 70fs RMS typical jitter (QPI ≤ 11.4Gb/s, 12UI)
▪ < 50ps cycle-to-cycle jitter on differential outputs
▪ < 50ps output-to-output skew on differential outputs
▪ ±0ppm synthesis error on differential outputs
Features
▪ Integrated terminations for 85Ω systems save 4 resistors per
output
▪ 112–206 mW typical power consumption (at 3.3V)
▪ VDDIO rail allows 35% power savings at optional 1.05V
(9SQL4958 only)
▪ Devices contain default configuration; SMBus not required
▪ SMBus features allow optimization to application:
• Input polarity and pull-up/pull-downs
• Output slew rate and amplitude
• Output impedance (33Ω, 85Ω or 100Ω)
▪ Contact factory for customized default configurations
▪ 25MHz input frequency
▪ OE# pins support PCIe CLKREQ# function
▪ Pin-selectable SRnS 0%, CC 0% and CC/SRIS -0.5% spread
▪ SMBus-selectable CC/SRIS -0.25% spread
▪ Clean switching between the CC/SRIS spread settings
▪ BCLK outputs blocked until PLL is locked for clean system
startup
▪ 2 selectable SMBus addresses
▪ Space-saving packages: See Ordering Information for details
Output Features
▪ 2, 4 or 8 100MHz CPU/PCIe output pairs
▪ One 3.3V LVCMOS REF output with Wake-On-LAN (WOL)
support
▪ See AN-891 for easy AC-coupling to other logic families
Block Diagram
n+1
XIN/CLKIN_25
X2
vOE(n:0)#
REF3.3
vSADR
^vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SCLK_3.3
Control
Logic
SSC
Capable
PLL
GND
EPAD
VDDA
VDDREF
VDDXTAL VDDDIG
VDDO/
VDDIO
GNDXTAL
GNDREF
GNDDIG
BCLKn#
2 to 8
outputs
BCLKn
BCLK0#
BCLK0
9SQL4952/9SQL4954/
9SQL4958
Datasheet
3.3V PCIe® Gen1–5 and UPI Clock
Generator Family


Similar Part No. - 9SQL4954

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4954BNLGI IDT-9SQL4954BNLGI Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4954BNLGI8 IDT-9SQL4954BNLGI8 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
More results

Similar Description - 9SQL4954

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZXL0831E IDT-9ZXL0831E Datasheet
273Kb / 18P
8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1245 RENESAS-9ZML1245 Datasheet
805Kb / 29P
2:12 Clock Multiplexer for PCIe Gen1–5 and UPI
May 12, 2021
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
9ZXL15X0D RENESAS-9ZXL15X0D Datasheet
1Mb / 35P
15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com