Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 9SQL4954
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4954 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 9SQL4954 Datasheet HTML 20Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 21Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 24Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 25Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 26Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 27Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Table 32. Byte 14: Pull-up Pull-down Control Register 1
Byte 14
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Pull-up(pu)/
Pull-down(pd) control
Pull-up(pd)/
Pull-down(pd) control
Pull-up(pd)/
Pull-down(pd) control
Pull-up(pd)/
Pull-down(pd) control
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
00 = None
01 = pd
00 = None
01 = pd
00 = None
01 = pd
00 = None
01 = pd
1
10 = pu
11 = pu+pd
10 = pu
11 = pu+pd
10 = pu
11 = pu+pd
10 = pu
11 = pu+pd
9SQL4958
Name
OE3_pu/pd[1]
OE3_pu/pd[0]
OE2_pu/pd[1]
OE2_pu/pd[0]
OE1_pu/pd[1]
OE1_pu/pd[0]
OE0_pu/pd[1]
OE0_pu/pd[0]
9SQL4958
Default
0
101
0101
9SQL4954
Name
OE1_pu/pd[1]
OE1_pu/pd[0]
Reserved
Reserved
OE0_pu/pd[1]
OE0_pu/pd[0]
Reserved
Reserved
9SQL4954
Default
0
1
xx
0
1
xx
9SQL4952
Name
OE0_pu/pd[1]
OE0_pu/pd[0]
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
9SQL4952
Default
0
1
x
xxxx
x
Table 33. Byte 15: Pull-up Pull-down Control Register 2
Byte 15
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Pull-up(pd)/
Pull-down(pd) control
Pull-up(pd)/
Pull-down(pd) control
Pull-up(pd)/
Pull-down(pd) control
Pull-up(pd)/
Pull-down(pd) control
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
00 = None
01 = pd
00 = None
01 = pd
00 = None
01 = pd
00 = None
01 = pd
1
10 = pu
11 = pu+pd
10 = pu
11 = pu+pd
10 = pu
11 = pu+pd
10 = pu
11 = pu+pd
9SQL4958
Name
OE7_pu/pd[1]
OE7_pu/pd0]
OE6_pu/pd[1]
OE6_pu/pd[0]
OE5_pu/pd[1]
OE5_pu/pd[0]
OE4_pu/pd[1]
OE4_pu/pd[0]
9SQL4958
Default
0
101
0101
9SQL4954
Name
Reserved
Reserved
OE3_pu/pd[1]
OE3_pu/pd[0]
OE2_pu/pd[1]
OE2_pu/pd[0]
Reserved
Reserved
9SQL4954
Default
0
101
0101
9SQL4952
Name
Reserved
Reserved
Reserved
Reserved
OE1_pu/pd[1]
OE1_pu/pd[0]
Reserved
Reserved
9SQL4952
Default
0
101
0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com