Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952CNLGI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 9SQL4952CNLGI
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952CNLGI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 9SQL4952CNLGI Datasheet HTML 5Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 6Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 7Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 8Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 9Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 10Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 11Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 12Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Electrical Characteristics
TA = TAMB. Supply voltages per normal operation conditions; see Test Loads for loading conditions.
1 Guaranteed by design and characterization, not 100% tested in production.
2 The device must be powered up for the SMBus to function.
Table 5. SMBus Parameters
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units Notes
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V.
0.8
V
SMBus Input High Voltage
VIHSMB VDDSMB = 3.3V.
2.1
3.6
V
SMBus Output Low Voltage
VOLSMB At IPULLUP.
0.4
V
SMBus Sink Current
IPULLUP At VOL.
4mA
Nominal Bus Voltage
VDDSMB
2.7
3.6
V
SCLK/SDATA Rise Time
tRSMB
(Max. VIL - 0.15V) to (Min. VIH + 0.15V).
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min. VIH + 0.15V) to (Max. VIL - 0.15V).
300
ns
1
SMBus Operating Frequency
fSMB
SMBus operating frequency.
500
kHz
2
Table 6. Input/Supply/Common Parameters – Normal Operating Conditions
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Notes
Supply Voltage
VDDxxx
Supply voltage for core, analog and single-ended
LVCMOS outputs.
3.135
3.3
3.465
V
IO Supply Voltage
VDDIO Supply voltage for differential low power outputs.
0.9975
1.05–3.3
3.465
V
Ambient Operating
Temperature
TAMB Industrial range.
-40
25
85
°C
Input High Voltage
VIH
Single-ended inputs, except SMBus.
0.75 x VDDx
VDDx + 0.3
V
Input Low Voltage
VIL
-0.3
0.25 x VDDx
V
Input High Voltage
VIHtri
Single-ended tri-level inputs
('_tri' suffix).
0.8 x VDDx
VDDx + 0.3
V
Input Mid Voltage
VIMtri
0.4 x VDDx 0.5 x VDDx
0.6 x VDDx
V
Input Low Voltage
VILtri
-0.3
0.20 x VDDx
V
Input Current
IIN
Single-ended inputs, VIN = GND, VIN = VDD.
-5
-0.05
5
μA
IINP
Single-ended inputs.
VIN = 0V; inputs with internal pull-up resistors.
VIN = VDD; inputs with internal pull-down
resistors.
-50
7
50
μA
Input Frequency
FIN
XTAL or X1 input.
25
MHz
4
Pin Inductance
Lpin
7nH
1
Capacitance
CIN
Logic inputs, except DIF_IN.
1.5
5
pF
1
COUT Output pin capacitance.
6
pF
1
CLK Stabilization
tSTAB
From VDD power-up and after input clock
stabilization or deassertion of PD# to 1st clock.
0.3
1.8
ms
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com