Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952CNLGI Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 9SQL4952CNLGI
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952CNLGI Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 9SQL4952CNLGI Datasheet HTML 11Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 12Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 13Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 14Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 15Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 16Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 17Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 18Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Power Management
1 The output state is set by B11[1:0] (Low/Low default).
2 REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when CKPWRG_PD# is low, REF is disabled unless Byte3[5] = 1, in which
case REF is running.
3 Input polarities defined at default values.
4 See SMBus description for Byte 3, bit 4.
Test Loads
Figure 4. Single-ended Output Test Load
Table 15. Power Management 3
CKPWRGD_PD#
SMBus OE bit
OEx# Pin
Differential Output
REF
True O/P
Comp. O/P
0X
X
Low 1
Low 1
Hi-Z 2
1
1
0
Running
Running
Running
11
1
Disabled 1
Disabled 1
Running
10
X
Disabled 1
Disabled 1
Disabled 4
Table 16. SMBus Address Selection
SADR
Address
+ Read/Write Bit
State of SADR on first
application of CKPWRGD_PD#
0
1101000
X
1
1101010
X
Table 17. Terminations for Single-ended Output
Clock Source
Device Under Test (DUT)
Rs (Ω)
Zo (Ω)
L (cm)
CL (pF)
N/A
9SQL495x
33
50
12.7
4.7
Rs
CL
Zo
L
Test
Point
DUT
REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com