Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952CNLGI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 9SQL4952CNLGI
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952CNLGI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 9SQL4952CNLGI Datasheet HTML 6Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 7Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 8Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 9Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 10Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 11Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 12Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 13Page - Renesas Technology Corp 9SQL4952CNLGI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
1 Guaranteed by design and characterization, not 100% tested in production.
2 Control input must be monotonic from 20% to 80% of input swing.
3 Time from deassertion until outputs are > 200mV.
4 Contact the factory for other frequencies.
1 Measured from single-ended waveform.
2 Measured from differential waveform.
3 Measured from -150 mV to +150 mV on the differential waveform (derived from REFCLK+ minus REFCLK-). The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.
4 Measured at crossing point where the instantaneous voltage value of the rising edge of REFCLK+ equals the falling edge of REFCLK-.
SS Modulation
Frequency
fMOD
Triangular modulation.
30
31.6
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion.
DIF stop after OE# deassertion.
12
3
clocks
1,3
Tdrive_PD#
tDRVPD DIF output enable after PD# de-assertion.
300
μs1,3
Fall Time
tF
Fall time of single-ended control inputs.
5
ns
1,2
Rise Time
tR
Rise time of single-ended control inputs.
5
ns
1,2
Table 7. BCLK Low-Power HCSL Outputs
Parameter
Symbol
Conditions
Minimum Typical
Maximum Units
Notes
Slew Rate
Trf
Scope averaging on, fast setting.
2
2.7
4
V/ns
2,3
Scope averaging, slow setting.
1
1.9
3
V/ns
2,3
Crossing Voltage (abs)
Vcross_abs
Scope averaging off.
250
409
550
mV
1,4,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off.
14
140
mV
1,4,9
Avg. Clock Period Accuracy
TPERIOD_AVG
Devices have 0 ppm synthesis error.
The maximum occurs with -0.5%
SSC.
0
0
+2500
ppm
2,10,12,13
Absolute Period
TPERIOD_ABS
Includes jitter and spread spectrum
modulation.
9.95
10
10.0503
ns
2,6
Jitter, Cycle to Cycle
tjcyc-cyc
16
50
ps
2
Voltage High
VHIGH
Statistical measurement on
single-ended signal using
oscilloscope math function (scope
averaging on).
660
761
850
mV
1
Voltage Low
VLOW
-150
-7
150
mV
1
Absolute Maximum Voltage
VMIN
Measurement on single-ended signal
using absolute value (scope
averaging off).
819
1150
mV
1,7,15
Absolute Minimum Voltage
VMAX
-300
-46
1,8,15
Duty Cycle
tDC
45
49
55
%
2
Slew Rate Matching
ΔTrf
Single-ended measurement.
6
20
%
1,14
Skew, Output to Output
tsk3
Averaging on, VT = 50%.
12
50
ps
2
Table 6. Input/Supply/Common Parameters – Normal Operating Conditions (Cont.)
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com