Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9UMS9001 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9UMS9001
Description  PC MAIN CLOCK - CK540
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9UMS9001 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9UMS9001 Datasheet HTML 1Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 2Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 3Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 4Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 5Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 6Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 7Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 8Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IDT® PC MAIN CLOCK - CK540
1247C—06/16/11
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
4
Functional Block Diagram
Power Groups
OSC
CPU/SRC/
PC
SS-PLL
LCD SS
PLL
Fixed
EXACT
48MHz
Control
Logic
X1
REF
PCI
SRC(3:0)
CPU(2:0)
LCD
DOT96MHZ
48MHZ
X2
FSLC
FSLB
CKPWRGD#/PD
PCI_STOP#
CPU_STOP#
CLKREQ(3:0)#
ITP_EN
TESTSEL
TESTMODE
VDD3.3V
VDDIO 1.05~3.3V
GND
49
Low power outputs
53
Analog
53
35
Low power outputs
40
Analog
26
Low power outputs
27
PLL
19
22
DOT 96Mhz
Low power outputs
17, 18
15
3
56
10
14
Pin Number
Xtal, REF
PCICLK
SRCCLK
LCDCLK
Description
Master Clock, Analog
USB 48
23
34
CPUCLK
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com