Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9UMS9001 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9UMS9001
Description  PC MAIN CLOCK - CK540
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9UMS9001 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9UMS9001 Datasheet HTML 1Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 2Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 3Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 4Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 5Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 6Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 7Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 8Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDT® PC MAIN CLOCK - CK540
1247C—06/16/11
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
2
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
X2
OUT Crystal output, nominally 14.318MHz.
2
X1
IN
Crystal input, Nominally 14.318MHz.
3
VDDREFIO_3.3
PWR Power pin for the REF output and crystal oscillator. 3.3V nominal.
4
REF0
OUT 3.3V 14.318MHz reference clock
5
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
6
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
7TEST_SEL
IN
3.3V input that puts the part in test mode. This is a realtime input. See the Test Clarification Table for
details.
8
TEST_MODE
IN
When Test mode is selected, this chooses either hi-Z or REF/N for the outputs.
9
PCI_STOP#
IN
3.3V tolerant input that stops all PCI and SRC clocks, except those set to be free running.
10
VDDIO_PCI3.3
PWR 3.3V power supply for the PCI outputs
11
PCI0
OUT 3.3V PCI clock output.
12
PCI1
OUT 3.3V PCI clock output.
13
PCI_F2
OUT Free running 3.3V PCI clock output
14
GNDPCI
PWR Ground for PCI output clocks.
15
GND48
PWR Ground for the USB clock.
16
USB_48MHz
OUT
Fixed 3.3V 48MHz USB clock output
17
VDD48IO_3.3
PWR 3.3V Power supply for the 48MHz output
18
VDD48PLL_3.3
PWR 3.3V Power supply for the 48/96MHz PLL
19
VDDIO_96Mhz
PWR Power supply for DOT96 output. VDD_IO = 1.05 to 3.3V +/-5%.
20
DOT96C_LPRS
OUT
Complement side of low-power CK505-type 96MHz differential clock. Rs is integrated (No external
series resistor required).
21
DOT96T_LPRS
OUT
True side of low-power CK505-type 96MHz differential clock. Rs is integrated (No external series
resistor required).
22
GND
PWR Ground for 96MHz output
23
GND
PWR Ground for LCD 100 MHz output.
24
LCD100C_LPRS
OUT
Complement side of low-power CK505-type LCD100MHz spreading differential clock. Rs is integrated
(No external series resistor required).
25
LCD100T_LPRS
OUT
True side of low-power CK505-type LCD100MHz spreading differential clock. Rs is integrated (No
external series resistor required).
26
VDDIO_LCD
PWR Power supply for LCD100 output. VDD_IO = 1.05 to 3.3V +/-5%.
27
VDDLCDPLL_3.3
PWR 3.3V Power supply for the LCD100 Spreading PLL
28
CLKREQ1#
IN
Clock request input for SRC output pair 1. See the SRC, LCD, DOT Power Management Table for
details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com