Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9UMS9001 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9UMS9001
Description  PC MAIN CLOCK - CK540
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9UMS9001 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9UMS9001 Datasheet HTML 8Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 9Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 10Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 11Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 12Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 13Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 14Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 15Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IDT® PC MAIN CLOCK - CK540
1247C—06/16/11
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
12
Byte 5 Drive Strength Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
PCI_F2 Strength
Sets the PCI_F2 output drive strength
RW
1
6
PCI1 Strength
Sets the PCI1 output drive strength
RW
1
5
PCI0 Strength
Sets the PCI0 output drive strength
RW
1
4
48MHz Strength
Sets the 48MHz output drive strength
RW
1
3
REF Strength
Sets the REF output drive strength
RW
2 Loads
3 Loads
1
2
IO_VOUT2
IO Output Voltage Select (Most Significant Bit)
RW
1
1
IO_VOUT1
IO Output Voltage Select
RW
0
0
IO_VOUT0
IO Output Voltage Select (Least Significant Bit)
RW
1
Byte 6 Reserved Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
0
6
Reserved
Reserved
RW
0
5
Reserved
Reserved
RW
0
4
Reserved
Reserved
RW
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
Reserved
Reserved
RW
0
0
Reserved
Reserved
RW
0
Byte 7 Vendor ID/ Revision ID
Bit
Pin
Name
Description
Type
0
1
Default
7
Rev Code Bit 3
R
X
6
Rev Code Bit 2
R
X
5
Rev Code Bit 1
R
X
4
Rev Code Bit 0
R
X
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
Byte 8 Device ID Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Device_ID3
R
0
6
Device_ID2
R
0
5
Device_ID1
R
1
4
Device_ID0
R
1
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
Reserved
Reserved
RW
0
0
Reserved
Reserved
RW
1
Byte 9 Test Mode Register
Bit
Pin
Name
Description
Type
0
1
Default
7
LCD_STOP
LCD Stop Control
RW
Free Running
Stops with
PCI_STOP#
assertion
0
6
Reserved
Reserved
RW
0
5
Reserved
Reserved
RW
0
4
Test Mode Select
Allows test select, ignores Test Sel input pin
RW
Outputs HI-Z
Outputs = REF/N
0
3
Test Mode Entry
Enters into test mode, ignores input pin
RW
Normal operation
Test mode
0
2
Reserved
Reserved
RW
0
1
Reserved
Reserved
RW
0
0
PLL1_SS
PLL1 Spread Spectrum Mode
RW
Down-spread
Center-spread
0
Revision ID
Vendor ID
ICS is 0001, binary
Package ID code
Devide ID = 0011 Hex
56-pin QFN
2 Loads
See Table 3: V_IO Selection
(Default is 0.8V)
Vendor specific
1 Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com