Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 13Page - Renesas Technology Corp AT25DF011 Datasheet HTML 14Page - Renesas Technology Corp AT25DF011 Datasheet HTML 15Page - Renesas Technology Corp AT25DF011 Datasheet HTML 16Page - Renesas Technology Corp AT25DF011 Datasheet HTML 17Page - Renesas Technology Corp AT25DF011 Datasheet HTML 18Page - Renesas Technology Corp AT25DF011 Datasheet HTML 19Page - Renesas Technology Corp AT25DF011 Datasheet HTML 20Page - Renesas Technology Corp AT25DF011 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
17
AT25DF011
DS-25DF011–032I–03/2022
of 77h must be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in
to specify the starting address location of the first byte to read within the OTP Security Register. Following the three
address bytes, two dummy bytes must be clocked into the device before data can be output.
After the three address bytes and the dummy bytes have been clocked in, additional clock cycles will result in OTP
Security Register data being output on the SO pin. When the last byte (00007Fh) of the OTP Security Register has been
read, the device will continue reading back at the beginning of the register (000000h). No delays will be incurred when
wrapping around from the end of the register to the beginning of the register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.
Figure 10-2. Read OTP Security Register
11.
Status Register Commands
11.1 Read Status Register
The Status Register can be read to determine the device’s ready/busy status, as well as the status of many other
functions such as Hardware Locking and Block Protection. The Status Register can be read at any time, including during
an internally self-timed program or erase operation.The Status Register consists of two bytes.
To read the Status Register, the CS pin must first be asserted and the opcode of 05h must be clocked into the device.
After the opcode has been clocked in, the device will begin outputting Status Register data on the SO pin during every
subsequent clock cycle. After the last bit (bit 0) of Status Register Byte 1 has been clocked out, the first bit (bit 7) of
Status Register Byte 2 will be clocked out. After the last bit (bit 0) of Status Register Byte 2 has been clocked out, the
sequence will repeat itself, starting again with bit 7 of Status Register Byte 1, as long as the CS pin remains asserted and
the clock pin is being pulsed. The data in the Status Register is constantly being updated, so each repeating sequence
will output new data.
Deasserting the CS pin will terminate the Read Status Register operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
33
36
35
34
31 32
29 30
OPCODE
AAAA
AAA
A
AX
X
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
MSB
XXXXX
X
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE
Table 11-1. Status Register Format
Bit(1)
Name
Type(2)
Description
7
BPL
Block Protection Locked
R/W
0
BP0 bit unlocked (default).
1
BP0 bit locked in current state when WP asserted.
6
RES
Reserved for future use
R
0
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com