Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 24Page - Renesas Technology Corp AT25DF011 Datasheet HTML 25Page - Renesas Technology Corp AT25DF011 Datasheet HTML 26Page - Renesas Technology Corp AT25DF011 Datasheet HTML 27Page - Renesas Technology Corp AT25DF011 Datasheet HTML 28Page - Renesas Technology Corp AT25DF011 Datasheet HTML 29Page - Renesas Technology Corp AT25DF011 Datasheet HTML 30Page - Renesas Technology Corp AT25DF011 Datasheet HTML 31Page - Renesas Technology Corp AT25DF011 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
AT25DF011
DS-25DF011–032I–03/2022
The Reset command has no effect on the states of the Configuration Register or RSTE bit in the Status Register. The
WEL however, will be reset back to its default state.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation will be
performed.
Figure 12-9. Reset
13.
Electrical Specifications
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
Opcode
Confirmation Byte In
10 11
9
814 15
13
12
0
MSB
1101000
0
High-impedance
Temperature under Bias. . . . . . . . -55
C to +125C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability. Voltage extremes
referenced in the “Absolute Maximum Ratings” are
intended to accommodate short duration
undershoot/overshoot conditions and does not imply
or guarantee functional device operation at these
levels for any extended period of time.
Storage Temperature . . . . . . . . . . -65
C to +150C
Absolute Maximum Vcc . . . . . . . . . . . . . . . . 3.96V
All Output Voltages with Respect to Ground
. . . . . . . . . -0.6V to 4.2V (Max VCC of 3.6V + 0.6V)
All Input Voltages with Respect to Ground
(excluding VCC pin, including NC pins)
. . . . . . . . . -0.6V to 4.2V (Max VCC of 3.6V + 0.6V)
13.1 DC and AC Operating Range
AT25DF011
Operating Temperature (Case) (1)
Ind.
-40
C to 85C
VCC Power Supply
1.65V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com