Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 2 Page - Renesas Technology Corp

  AT25DF011 Datasheet HTML 1Page - Renesas Technology Corp AT25DF011 Datasheet HTML 2Page - Renesas Technology Corp AT25DF011 Datasheet HTML 3Page - Renesas Technology Corp AT25DF011 Datasheet HTML 4Page - Renesas Technology Corp AT25DF011 Datasheet HTML 5Page - Renesas Technology Corp AT25DF011 Datasheet HTML 6Page - Renesas Technology Corp AT25DF011 Datasheet HTML 7Page - Renesas Technology Corp AT25DF011 Datasheet HTML 8Page - Renesas Technology Corp AT25DF011 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
AT25DF011
DS-25DF011–032I–03/2022
1.
Description
The AT25DF011 is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer based
applications in which program code is shadowed from Flash memory into embedded or external RAM for execution. The flexible
erase architecture of the AT25DF011, with its page erase granularity it is ideal for data storage as well, eliminating the need for
additional data storage devices.
The erase block sizes of the AT25DF011 have been optimized to meet the needs of today's code and data storage applications.
By optimizing the size of the erase blocks, the memory space can be used much more efficiently. Because certain code modules
and data storage segments must reside by themselves in their own erase regions, the wasted and unused memory space that
occurs with large sectored and large block erase Flash memory devices can be greatly reduced. This increased memory space
efficiency allows additional code routines and data storage segments to be added while still maintaining the same overall device
density.
The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for purposes such as
unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc.
Specifically designed for use in many different systems, the AT25DF011 supports read, program, and erase operations with a
wide supply voltage range of 1.65V to 3.6V. No separate voltage is required for programming and erasing.
2.
Pin Descriptions and Pinouts
Table 2-1.
Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT: Asserting the CS pin selects the device. When the CS pin is deasserted, the
device will be deselected and normally be placed in standby mode (not Deep Power-Down
mode), and the SO pin will be in a high-impedance state. When the device is deselected, data
will not be accepted on the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation such as
a program or erase cycle, the device will not enter the standby mode until the completion of the
operation.
Low
Input
SCK
SERIAL CLOCK: This pin is used to provide a clock to the device and is used to control the flow
of data to and from the device. Command, address, and input data present on the SI pin is
always latched in on the rising edge of SCK, while output data on the SO pin is always clocked
out on the falling edge of SCK.
-
Input
SI (I/O0)
SERIAL INPUT: The SI pin is used to shift data into the device. The SI pin is used for all data
input including command and address sequences. Data on the SI pin is always latched in on the
rising edge of SCK.
With the Dual-Output Read commands, the SI Pin becomes an output pin (I/O0) in conjunction
with other pins to allow two bits of data on (I/O1-0) to be clocked out on every falling edge of SCK.
To maintain consistency with the SPI nomenclature, the SI (I/O0) pin will be referenced as the SI
pin unless specifically addressing the Dual-I/O modes in which case it will be referenced as I/O0.
Data present on the SI pin will be ignored whenever the device is deselected (CS is deasserted).
-
Input/
Output
SO (I/O1)
SERIAL OUTPUT: The SO pin is used to shift data out from the device. Data on the SO pin is
always clocked out on the falling edge of SCK.
With the Dual-Output Read commands, the SO Pin remains an output pin (I/O1) in conjunction
with other pins to allow two bits of data on (I/O1-0) to be clocked out on every falling edge of SCK.
To maintain consistency with the SPI nomenclature, the SO (I/O1) pin will be referenced as the
SO pin unless specifically addressing the Dual-I/O modes in which case it will be referenced as
I/O1. The SO pin will be in a high-impedance state whenever the device is deselected (CS is
deasserted).
-
Input/
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com