Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231RT-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6231RT-E/P
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP6231RT-E/P Datasheet HTML 1Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 2Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 3Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 4Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 5Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 6Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 7Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2004 Microchip Technology Inc.
DS21881B-page 1
MCP6231/2
Features
• Gain Bandwidth Product: 300 kHz (typ.)
• Supply Current: IQ = 20 µA (typ.)
• Supply Voltage: 1.8V to 5.5V
• Rail-to-Rail Input/Output
• Extended Temperature Range: -40°C to +125°C
• Available in 5-Pin SC-70 and SOT-23 packages
Applications
• Automotive
• Portable Equipment
• Transimpedance amplifiers
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Available Tools
SPICE Macro Models (at www.microchip.com)
FilterLab® Software (at www.microchip.com)
Typical Application
Description
The Microchip Technology Inc. MCP6231/2 opera-
tional amplifiers (op amps) provide wide bandwidth for
the quiescent current. The MCP6231/2 family has a
300 kHz Gain Bandwidth Product (GBWP) and 65°
(typ.) phase margin. This family operates from a single
supply voltage as low as 1.8V, while drawing 20 µA
(typ.) quiescent current. In addition, the MCP6231/2
family supports rail-to-rail input and output swing, with
a common mode input voltage range of VDD +300 mV
to VSS – 300 mV. These op amps are designed in one
of Microchip’s advanced CMOS processes.
Package Types
MCP6231
VOUT
VIN2
–
+
VIN1
RG2
RG1
RF
RZ
VDD
RX
RY
Summing Amplifier Circuit
4
MCP6231
1
2
3
–
5 VDD
VIN–
VOUT
VSS
VIN+
SOT-23-5
4
1
2
3
5 VDD
VOUT
VSS
MCP6231R
SOT-23-5
4
1
2
3
–
5 VSS
VIN–
VOUT
VDD
VIN+
MCP6231U
SC-70-5, SOT-23-5
4
1
2
3
–
5 VDD
VOUT
VIN+
VSS
VIN–
VIN+
VIN–
MCP6231
VSS
VDD
VOUT
1
2
3
4
8
7
6
5
–
+
NC
NC
NC
PDIP, SOIC, MSOP
MCP6232
PDIP, SOIC, MSOP
1
2
3
4
8
7
6
5
-
+ -
+
A
B
VINA
_
VINA+
VSS
VOUTA
VOUTB
VDD
VINB
_
VINB+
20 µA, 300 kHz Rail-to-Rail Op Amp


Similar Part No. - MCP6231RT-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6231RT-E/P MICROCHIP-MCP6231RT-E/P Datasheet
850Kb / 40P
20 關A, 300 kHz Rail-to-Rail Op Amp
2009
More results

Similar Description - MCP6231RT-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
20 關A, 300 kHz Rail-to-Rail Op Amp
2005
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
Microchip Technology
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
50 關A, 550 kHz Rail-to-Rail Op Amp
2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com