Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231RT-E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6231RT-E/P
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6231RT-E/P Datasheet HTML 12Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 13Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 14Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 15Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 16Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 17Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 18Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 19Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2004 Microchip Technology Inc.
DS21881B-page 17
MCP6231/2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
MCP6231:
Single Op Amp (MSOP, PDIP, SOIC)
MCP6231T:
Single Op Amp (Tape and Reel) (SOT-23)
MCP6231RT:
Single Op Amp (Tape and Reel) (SOT-23)
MCP6231UT:
Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
MCP6232:
Dual Op Amp (MSOP, PDIP, SOIC)
MCP6232T:
Dual Op Amp (Tape and Reel)
Temperature Range:
E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC-70), 5-lead (MCP6231U only)
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6231, MCP6231R, MCP6231U)
SN = Plastic SOIC, (150 mil Body), 8-lead
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6231-E/SN:
Extended Temp.,
8LD SOIC pkg.
b)
MCP6231-E/MS:
Extended Temp.,
8LD MSOP pkg.
c)
MCP6231-E/P:
Extended Temp.,
8LD PDIP pkg.
d)
MCP6231RT-E/OT: Tape and Reel,
Extended Temp.,
5LD SOT-23 pkg
e)
MCP6231UT-E/OT: Tape and Reel,
Extended Temp.,
5LD SOT-23 pkg.
f)
MCP6231UT-E/LT: Tape and Reel,
Extended Temp.,
5LD SC-70 pkg.
g)
MCP6231T-E/OT:
Tape and Reel,
Extended Temp.,
5LD SOT-23 pkg.
a)
MCP6232-E/SN:
Extended Temp.,
8LD SOIC pkg.
b)
MCP6232-E/MS:
Extended Temp.,
8LD MSOP pkg.
c)
MCP6232-E/P:
Extended Temp.,
8LD PDIP pkg.
d)
MCP6232T-E/SN:
Tape and Reel,
Extended Temp.,
SOIC pkg.
X
Tape and Reel
Alternate Pinout
and/or
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com