Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231RT-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6231RT-E/P
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/P Datasheet(HTML) 2 Page - Microchip Technology

  MCP6231RT-E/P Datasheet HTML 1Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 2Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 3Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 4Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 5Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 6Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 7Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6231RT-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MCP6231/2
DS21881B-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD - VSS .........................................................................7.0V
All Inputs and Outputs ................... VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short Circuit Current ..................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.................................... –65°C to +150°C
Maximum Junction Temperature (TJ) .......................... +150°C
ESD Protection On All Pins (HBM;MM)
............... ≥ 4 kV; 400V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
PIN FUNCTION TABLE
DC ELECTRICAL SPECIFICATIONS
Name
Function
VIN+, VINA+, VINB+
Non-inverting Input
VIN–, VINA–, VINB–
Inverting Input
VDD
Positive Power Supply
VSS
Negative Power Supply
VOUT, VOUTA, VOUTB
Output
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, RL = 100 kΩ
to VDD/2 and VOUT ≈ VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
–5.0
—
+5.0
mV
VCM = VSS
Extended Temperature
VOS
–7.0
—
+7.0
mV
TA = –40°C to +125°C (Note)
Input Offset Drift with Temperature
∆V
OS/∆TA
—±3.0
—
µV/°C
TA= –40°C to +125°C,
VCM = VSS
Power Supply Rejection
PSRR
—
83
—
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current:
IB
—
±1.0
—
pA
At Temperature
IB
—20
—
pA
TA = +85°C
At Temperature
IB
—
1100
—
pA
TA = +125°C
Input Offset Current
IOS
—
±1.0
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
—
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS – 0.3
—
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
61
75
—
dB
VCM = –0.3V to 5.3V, VDD = 5V
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
90
110
—
dB
VOUT = 0.3V to VDD – 0.3V,
VCM =VSS
Output
Maximum Output Voltage Swing
VOL, VOH
VSS + 35
—
VDD – 35
mV
RL =10 kΩ, 0.5V Output Overdrive
Output Short-Circuit Current
ISC
—±6
—
mA
VDD = 1.8V
ISC
—±23
—
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Amplifier
IQ
10
20
30
µA
IO = 0, VCM = VDD – 0.5V
Note:
The SC-70 package is only tested at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com