Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED7709ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ALED7709ATR
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ALED7709ATR Datasheet HTML 9Page - STMicroelectronics ALED7709ATR Datasheet HTML 10Page - STMicroelectronics ALED7709ATR Datasheet HTML 11Page - STMicroelectronics ALED7709ATR Datasheet HTML 12Page - STMicroelectronics ALED7709ATR Datasheet HTML 13Page - STMicroelectronics ALED7709ATR Datasheet HTML 14Page - STMicroelectronics ALED7709ATR Datasheet HTML 15Page - STMicroelectronics ALED7709ATR Datasheet HTML 16Page - STMicroelectronics ALED7709ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
6
I²C switching characteristics
VIN = 12 V, VEN = High, TA = 25 °C unless otherwise specified.
Table 9. I2C fast-mode switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fSCL
SCL clock frequency
400
kHz
tLOW
Minimum clock low period
1.3
μs
tHIGH
Minimum clock high period
600
ns
tF
SDA and SCL fall time
300
ns
tR
SDA and SCL rise time
300
ns
tHD:STA
Start condition hold time
600
ns
tSU:STA
Start condition setup time
600
ns
tSU:DAT
Data setup time
100
ns
tHD:DAT
Data hold time
0
μs
tSU:STO
Stop condition setup time
600
ns
tBUF
Minimum delay between
operations
1.3
μs
Figure 5. I²C timing reference
P
:
STOP
S
:
START
SR
:
Repeated START or RESTART
ALED7709
I²C switching characteristics
DS14214 - Rev 1
page 13/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com