Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED7709ATR Datasheet(PDF) 40 Page - STMicroelectronics

Part # ALED7709ATR
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709ATR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ALED7709ATR Datasheet HTML 36Page - STMicroelectronics ALED7709ATR Datasheet HTML 37Page - STMicroelectronics ALED7709ATR Datasheet HTML 38Page - STMicroelectronics ALED7709ATR Datasheet HTML 39Page - STMicroelectronics ALED7709ATR Datasheet HTML 40Page - STMicroelectronics ALED7709ATR Datasheet HTML 41Page - STMicroelectronics ALED7709ATR Datasheet HTML 42Page - STMicroelectronics ALED7709ATR Datasheet HTML 43Page - STMicroelectronics ALED7709ATR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
The ALED7709x do not generate acknowledge if the VIN supply is below the undervoltage Lockout threshold or
if EN pin is driven LOW; these conditions are not allowing the I2C block to be active and so able to reply to any
master request.
Figure 22. Acknowledge on the I2C bus
8.2.5
Interface protocol
The interface protocol is composed of:
•
Start condition (START)
•
Device address (7-bit) + R/W bit (read = 1 / write = 0)
•
Register address byte
•
Sequence of N data packet (1 byte + acknowledge)
•
Stop condition (STOP)
The register address byte determines the first register in which the read or write operation takes place. When
the read or write operation is finished, the internal register address pointer is automatically incremented allowing
multiple register writing or reading.
Figure 23. Interface protocol
Device
addr[6:0]
Register
addr[7:0]
Data[7:0]
8.2.5.1
Writing to a single register
Writing to a single register starts with a START condition followed by the 7-bit device address of ALED7709x, the
8th bit of the byte is the R/W bit, which is 0 for writing operations.
Then the master waits for ALED7709x acknowledge. Then the 8-bit address of the register is sent to ALED7709x
and it is also followed by an acknowledge pulse. The last transmitted byte is the data to be written into the
register, the ALED7709x generate the acknowledge pulse at the end of packet. The master then generates a
STOP condition, and the communication is over.
Figure 24. Writing to a single register
Device
addr[6:0]
Register
addr[7:0]
Data[7:0]
ALED7709
I2C serial bus
DS14214 - Rev 1
page 40/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com