Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ISOSD61 Datasheet HTML 2Page - STMicroelectronics ISOSD61 Datasheet HTML 3Page - STMicroelectronics ISOSD61 Datasheet HTML 4Page - STMicroelectronics ISOSD61 Datasheet HTML 5Page - STMicroelectronics ISOSD61 Datasheet HTML 6Page - STMicroelectronics ISOSD61 Datasheet HTML 7Page - STMicroelectronics ISOSD61 Datasheet HTML 8Page - STMicroelectronics ISOSD61 Datasheet HTML 9Page - STMicroelectronics ISOSD61 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Table 6. Absolute maximum ratings
Parameter
Symbol
Min.
Max.
Units
Storage temperature
TS
-55
150
°C
Operating temperature
TA
-40
125
°C
Supply voltage
VDD, VDDISO
-0.3
6
V
Steady-state input
voltage
VIN+, VIN-
-0.3
VDDISO + 0.5
V
Digital input/output
voltages
MDAT+, MDAT-
MCLKIN+, MCLKIN-
-0.3
3.6
V
Lead solder
temperature
260 for 10 s.
°C
Table 7. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient operating temperature
TA
-40
125
°C
VDD supply voltage
VDD
3
5.5
V
VDDISO supply voltage
VDDISO
4.5
5.5
V
Analog input voltage
VIN+, VIN-
-200
200
mV
Table 8. Electrical specifications
VDD=3 V to 5.5 V, VDDISO = 4.5 to 5.5 V, VIN+ = -200 mV to +200 mV, TA=-40 to 125 °C, fMCLKIN=5 to 25MHz unless otherwise
noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test conditions
STATIC CHARACTERISTICS
Resolution
16
bits
with SINC3 filterwith OSR=256 and
VIN+-VIN-=200 mV
Integral nonlinearity
INL
±3
LSB
Differential nonlinearity
DNL
±0.2
LSB
No missing codes
Offset error
VVOS
-0.8
mV
Offset drift vs. temperature
TCVVOS
1.5
4.5
µV/°C
Offset drift vs. VDDISO
200
µV/V
Gain error
GE
±1.0
%
Gain error drift vs.
Temperature
TCGE
60
ppm/°C
Gain error drift vs. VDDISO
600
µV/V
ANALOG INPUTS
Full-scale differential voltage input
range
FSR
-320
+320
mV
VIN = VIN+ – VIN-
Average input bias current
IINA
–0.5
µA
VDDISO = 5V, VDD = 5V, VIN+ = 0 V;
IINA
40
50
µA
VDDISO = 5 V, VDD = 5 V, VIN+ = 300
mV;
Input capacitance
CINA
10
pF
Across VIN+ or VIN- to GNDISO
ISOSD61
Device specifications
DS13605 - Rev 8
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com