Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ISOSD61 Datasheet HTML 4Page - STMicroelectronics ISOSD61 Datasheet HTML 5Page - STMicroelectronics ISOSD61 Datasheet HTML 6Page - STMicroelectronics ISOSD61 Datasheet HTML 7Page - STMicroelectronics ISOSD61 Datasheet HTML 8Page - STMicroelectronics ISOSD61 Datasheet HTML 9Page - STMicroelectronics ISOSD61 Datasheet HTML 10Page - STMicroelectronics ISOSD61 Datasheet HTML 11Page - STMicroelectronics ISOSD61 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Table 10. LVDS transmitter signaling specifications (ISOSD61L)
Parameter
Symbol Min.
Typ.
Max.
Units
Test Conditions
Output voltage high
VOH
-0.3
1475
mV
RLOAD = 110 Ω +/- 20%
Output voltage low
VOL
925
mV
RLOAD = 110 Ω +/- 20%
Output differential voltage
|VOD|
240
420
mV
RLOAD = 110 Ω +/- 20%
Output offset voltage
VOS
1125 1200
1275
mV
RLOAD = 110 Ω +/- 20%
Output current
IO
2.2
3.7
mA
RLOAD = 110 Ω +/- 20%
LVDS load impedance, single ended
RL
80
110
140
Ω
VCM = 1 V and 1.4 V
RL mismatch between both channels
∆RL
10
%
MDAT rise time
tLH
0.5
5
ns
RLOAD = 110 Ω +/- 20%
CLOAD = 30 pF
MDAT fall time
tHL
0.5
5
ns
RLOAD = 110 Ω +/- 20%
CLOAD = 30pF
Table 11. LVDS receiver signaling specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Voltage range
VR
-0.3
3.6
V
RLOAD = 110 Ω +/- 20%
Common mode voltage(1)
VC
0.05
2.4(2)
V
RLOAD = 110 Ω +/- 20%
Differential input voltage(3)
|Vi|
100
mV
RLOAD = 110 Ω +/- 20%
Differential input hysteresis voltage(4)
|VHYS|
25
mV
RLOAD = 110 Ω +/- 20%
Differential input capacitance
Ci
5
pF
RLOAD = 110 Ω +/- 20%
Bias resistors(5)
RPULLUP/
PULLDOWN
140
200
260
k Ω
1. Vc is defined as the voltage that is mid-way between VH and VL.
2. This parameter is guaranteed with Vdd > 4 V.
3. |Vi| defines the minimum differential voltage that is guaranteed to be recognized as a valid input, 1 or 0, by the receiver.
4. |Vhys| defines the minimum voltage separation between the actual |Vi| rising and falling thresholds.
5. A pullup resistor is present between the minus LVDS input and V3.3, and a pulldown resistor is present between plus LVDS
input and GND in order to force a ‘0’ value if the LVDS input is floating.
ISOSD61
Device specifications
DS13605 - Rev 8
page 8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com