Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 1 Page - STMicroelectronics

  ISOSD61 Datasheet HTML 1Page - STMicroelectronics ISOSD61 Datasheet HTML 2Page - STMicroelectronics ISOSD61 Datasheet HTML 3Page - STMicroelectronics ISOSD61 Datasheet HTML 4Page - STMicroelectronics ISOSD61 Datasheet HTML 5Page - STMicroelectronics ISOSD61 Datasheet HTML 6Page - STMicroelectronics ISOSD61 Datasheet HTML 7Page - STMicroelectronics ISOSD61 Datasheet HTML 8Page - STMicroelectronics ISOSD61 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
•
Up to 25 MHz external clock input
•
±320 mV full scale analog input range
•
16 bits resolution, no missing codes
•
86 dB typical SNR
•
-83 dB typical THD
•
13 bits typical ENOB
•
Low Voltage Differential Signaling (LVDS) and Single - ended (TTL/CMOS)
options
•
–40°C to +125°C extended industrial temperature range
•
SO-16 wide package
•
30 kV/µs typical High Common-mode transient immunity
•
6000 VPEAK Isolation Voltage VIOTM
•
1200 VPEAK Working Voltage VIORM
•
UL1577 certified, File Number: E362869
Application
Current or voltage sensing in:
•
Industrial motor control
•
Solar inverter
•
UPS
•
Electric vehicle charger
•
Telecom and server power supply
Description
The ISOSD61 is a galvanic isolated second order Sigma-Delta modulator based on
embedded transformer coupling technology. It converts an analog input signal with
maximum range of ±320mV into a high speed, 25 Msps, 1-bit digital data stream.
The signal information can be rebuilt by means of a digital filtering. The modulator
is isolated from the digital I/O section through a high-speed isolated data coupling,
whose performances are far better than other isolated transceivers like optocouplers.
Product status link
ISOSD61
Product label
High accuracy isolated Sigma-Delta modulator
ISOSD61
Datasheet
DS13605 - Rev 8 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ISOSD61

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISOSD61 STMICROELECTRONICS-ISOSD61 Datasheet
1Mb / 23P
High accuracy isolated Sigma-Delta modulator
24-Mar-2025
ISOSD61L STMICROELECTRONICS-ISOSD61L Datasheet
1Mb / 23P
High accuracy isolated Sigma-Delta modulator
24-Mar-2025
ISOSD61LTR STMICROELECTRONICS-ISOSD61LTR Datasheet
1Mb / 23P
High accuracy isolated Sigma-Delta modulator
24-Mar-2025
ISOSD61TR STMICROELECTRONICS-ISOSD61TR Datasheet
1Mb / 23P
High accuracy isolated Sigma-Delta modulator
24-Mar-2025
ISOSD61 STMICROELECTRONICS-ISOSD61_V01 Datasheet
1Mb / 23P
High accuracy isolated Sigma-Delta modulator
24-Mar-2025
More results

Similar Description - ISOSD61

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com