Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808ATR-1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ISO808ATR-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808ATR-1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ISO808ATR-1 Datasheet HTML 20Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 21Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 22Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 23Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 24Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 25Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 26Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 27Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
9
Reverse polarity on VDD
The reverse polarity on VDD can be implemented on board by placing a diode between the GNDDD pin and GND
digital ground.
The diode must be chosen by taking into account VRRM>|VDD| and its power dissipation capability:
PD≥IDD×VF
(4)
Note:
In normal operation (no reverse polarity), there is a voltage drop (ΔV = VF@(Idd)) between GNDDD of the device
and digital ground of the system. In order to guarantee to proper
triggering of the input signal, ΔV(max.) must result lower than VIH(MIN).
Figure 24. VDD reverse polarity protection
Note:
Input(i) is intended as any input pin on logic side.
ISO808A, ISO808A-1
Reverse
polarity on VDD
DS14170 - Rev 1
page 24/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com