Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808ATR-1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ISO808ATR-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808ATR-1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ISO808ATR-1 Datasheet HTML 30Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 31Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 32Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 33Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 34Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 35Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 36Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 37Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
List of tables
Table 1.
Pin description...................................................................... 5
Table 2.
Absolute maximum ratings ............................................................. 6
Table 3.
Thermal data....................................................................... 7
Table 4.
Power section ...................................................................... 8
Table 5.
Digital supply voltage ................................................................. 8
Table 6.
Diagnostic pin and output protection function................................................. 9
Table 7.
Power switching characteristics (VCC = 24 V; RLOAD = 48 Ω; -40 °C < TJ < 125 °C) ...................... 9
Table 8.
Logic inputs and output............................................................... 11
Table 9.
Serial interface timings (VDD = 5 V; VCC = 24 V; -40 °C < TJ < 125 °C) .............................. 12
Table 10.
Internal communication timings (VDD = 5 V; VCC = 24 V; -40 °C < TJ < 125 °C) ........................ 12
Table 11.
Insulation and safety-related specifications ................................................. 12
Table 12.
Insulation characteristics.............................................................. 13
Table 13.
Safety limits ...................................................................... 13
Table 14.
SDI frame ........................................................................ 14
Table 15.
SDO frame ....................................................................... 14
Table 16.
Truth table ....................................................................... 18
Table 17.
PowerSO-36 package mechanical data ................................................... 30
Table 18.
PowerSO-36 footprint data ............................................................ 31
Table 19.
Ordering information................................................................. 33
Table 20.
Document revision history ............................................................. 34
ISO808A, ISO808A-1
List of tables
DS14170 - Rev 1
page 37/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com