Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808ATR-1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ISO808ATR-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808ATR-1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ISO808ATR-1 Datasheet HTML 26Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 27Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 28Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 29Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 30Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 31Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 32Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 33Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Table 17. PowerSO-36 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
3.6
a1
0.10
0.30
a2
3.30
b
0.22
0.38
c
0.23
0.32
D1
15.80
16.00
D1
9.40
9.80
E
13.90
14.50
E11
10.90
11.10
E2
2.90
E3
5.80
6.20
e
0.65
e3
11.05
G
0
0.10
H
15.50
15.90
h
1.10
L
0.80
1.10
N
10°
S
0°
8°
1. "D" and "E1" do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm (0.006"). Critical
dimensions are "a3", "E" and "G"
ISO808A, ISO808A-1
PowerSO-36 package information
DS14170 - Rev 1
page 30/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com