Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 44Page - STMicroelectronics L9969X Datasheet HTML 45Page - STMicroelectronics L9969X Datasheet HTML 46Page - STMicroelectronics L9969X Datasheet HTML 47Page - STMicroelectronics L9969X Datasheet HTML 48Page - STMicroelectronics L9969X Datasheet HTML 49Page - STMicroelectronics L9969X Datasheet HTML 50Page - STMicroelectronics L9969X Datasheet HTML 51Page - STMicroelectronics L9969X Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Bit
7
6
5
4
3
2
1
0
7
CurrRed
0: TDCR is active
(latched) (r)
1: TDCR is not active
6
CurrLim
Current Limitation (CL) [no error]
0: CL is active
(latched) (r)
1: CL is not active
5
OT
It is the previously OT error from DIA_REG1
(latched) (r)
4
VAR3
r/w for special use
(latched) (r/w)
3
DIA21
See Table 35 below
(r)
2
DIA20
1
DIA11
0
DIA10
Table 35. Diagnosis bits (DIA_REG2)
DIA21
DIA20
DIA11
DIA10
Description
Remark
0
0
0
0
Not used
0
0
0
1
Short Circuit to Ground at OUT1 (SCG1)
latched
0
0
1
0
Short Circuit to Ground on OUT2 (SCG2)
latched
0
0
1
1
Not used
0
1
0
0
0
1
0
1
Short Circuit to Battery on OUT1 (SCB1)
latched
0
1
1
0
Short Circuit to battery on OUT2 (SCB2)
latched
0
1
1
1
Short Circuit across load (SCL)
latched
1
0
0
0
Short Circuit to Battery at disabled output
latched
1
0
0
1
Short Circuit to Ground at disabled output
latched
1
0
1
0
Open Load (at disabled output or in active)
latched
1
0
1
1
Not used
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
No failure
-
Any read process of the error information (OL, OT, SCG1, SCG2, SCB1, SCB2, SCL) does not reset this
information or register.
The errors can be reset selectively. By writing STATCON_REG.DIACLR2 = 0, this resets all errors in DIA_REG2,
that is the previous errors. By writing STATCON_REG.DIACLR1 = 0, this transfers all latched errors from
DIA_REG1 to DIA_REG2 and resets DIA_REG1 afterwards, if no undervoltage condition is present.
To fully reset the error logs, the following sequence has to be transmitted via SPI:
•
STATCON_REG.DIACLR1 = 0
•
STATCON_REG.DIACLR2 = 0
OT is the previously error from DIA_REG1.
CurrRed and CurrLim represent the latched information. Each read process of DIA_REG2 resets this error
information. This error information is updated in case the error conditions reappear or are still present.
L9969x
Functional behavior in detail
DS14029 - Rev 3
page 48/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com