Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 14Page - STMicroelectronics L9969X Datasheet HTML 15Page - STMicroelectronics L9969X Datasheet HTML 16Page - STMicroelectronics L9969X Datasheet HTML 17Page - STMicroelectronics L9969X Datasheet HTML 18Page - STMicroelectronics L9969X Datasheet HTML 19Page - STMicroelectronics L9969X Datasheet HTML 20Page - STMicroelectronics L9969X Datasheet HTML 21Page - STMicroelectronics L9969X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
3
Functional description
3.1
Description of external interfaces
•
Voltage supply Vs can be connected directly to the battery voltage via a relay (for example the main relay in
an engine control system). Otherwise an additional external inverse voltage protection is necessary.
•
The load at the outputs is connected between both outputs (OUT1 and OUT2) in H-bridge mode.
•
The ASIC has two inputs controlling the current through the H-bridge: DIR controls the direction of the
current (DIR = 0 → Current flows from OUT1 → OUT2; DIR = 1 → Current flows from OUT2 → OUT1) and
PWM controls the magnitude of the current (duty cycle 0% → no current … duty cycle 100% → maximum
current).
3.2
Functional behavior in detail
All parameters are defined at (unless otherwise specified):
•
4.5 V < VDD < 5.5 V
•
VUF < VS < 28 V (power stages active)
•
0 V < VS < VUF (power stages inactive)
•
-40 °C < TJ < 150 °C
•
The HBR can withstand a VS of 40 V for load dump pulse (see Section 6 Load dump pulse)
•
It is recommended to perform the necessary adjustments at high temperature
•
All voltages refer to AGND
3.2.1
Power stages
L9969 provides a full H-bridge power stage, consisting of two half bridges, which are intended to be used mainly
for the control of DC motors.
The most critical loads are throttle-control actuators with the following electrical characteristics: inductance 0.8
mH to 1.0 mH, resistance 1.2 Ω to 1.8 Ω at room temperature, PWM-frequency fmin = 1 Hz and fmax = 20 kHz.
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 12. Power stages parameters
Symbol
Parameter
Condition
Min Typ Max Unit
ROUT-GND Rds_ON resistance low side
IOUT = 3 A
10 V < VS < 28 V
Max. values at Tj= 150 °C
-
-
225 mΩ
ROUT-UB Rds_ON resistance high side
IOUT = 3 A
10 V < VS < 28 V
Max. values at Tj= 150 °C
-
-
315 mΩ
Ileak
OFF State leakage current H-bridge disabled by short circuit
detection; this is the current of one stage
VS = 13 V
OUTx = 0 V or VS
-200
-
200
µA
Ileak
OFF State leakage current VDD below VDD_RES
VS = 13 V
OUTx = 0 V or VS
-200
-
800
µA
L9969x
Functional description
DS14029 - Rev 3
page 18/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com