Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969X Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 34Page - STMicroelectronics L9969X Datasheet HTML 35Page - STMicroelectronics L9969X Datasheet HTML 36Page - STMicroelectronics L9969X Datasheet HTML 37Page - STMicroelectronics L9969X Datasheet HTML 38Page - STMicroelectronics L9969X Datasheet HTML 39Page - STMicroelectronics L9969X Datasheet HTML 40Page - STMicroelectronics L9969X Datasheet HTML 41Page - STMicroelectronics L9969X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
This principle only works at load currents above a certain threshold. If the load current is below that limit, the free
wheeling phase is too short to be detected correctly. This threshold is not specified here but it must be considered
in any case in order not to lead to a wrong diagnosis.
Once an OLDA was detected, the error has to be confirmed before being reported in DIA_REG1. The way
how the confirmation algorithm works, can be set in SPECIAL_REG, Bit4 (OLDAFILTER). Two alternatives are
possible: either the error has to be confirmed during the next possible retry, or the error has to be confirmed
during a retry after 40 ms.
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 23. Under ground thresholds parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
VUGND_OUTxy
Under ground threshold voltage at OUTxy
/
-0.25
-0.15
-0.05
V
OUTxy
3.2.6.10
Diagnosis in inactive mode
In inactive mode, i.e the HBR is disabled via the signals NABE or DIS, both the outputs OUT1 and OUT2 are
in the tristate condition (all four power transistors are switched off). In order to avoid any wrong diagnostic by
generated effects of the connected load, a filtering time tdiag_OL must have expired before the diagnosis is run.
In inactive mode, the following diagnostics are available: Open Load, Short to Ground and Short to Battery. At
power-up if load is not connected and OUTx1 is shorted to battery voltage or GND, the diagnosis detects SCG or
SCB and no OL.
Figure 25 shows how the OFF diagnosis is working, when the power-stage is disabled.
Figure 25. Principle of diagnosis in inactive mode
When the OFF state diagnosis is enabled, an internal buffer regulates a typical voltage of 1.8 V (VOFF_OUT1)
on OUTx1 pin, with a certain ISOURCE and ISINK capability, whose limits are equal to IOFF_LIM_SRC_OUT1 and
IOFF_LIM_SRC_OUT1 respectively; on OUTx2 is present pull-down current (IOFF_PD_OUT2), whose typical value is
120 µA.
If the load is connected and its resistance is below ROL, the buffer shall source a current equal to -IOFF_PD_OUT2,
so the diagnostic result is “no fault”.
If ISOURCE becomes higher than IOFF_OL_TH (lower in absolute value), it means that load is disconnected, or its
resistance has become more than ROL, so the diagnostic result is Open Load.
If ISOURCE becomes lower than IOFF_SCG_TH (higher in absolute value), it means that there is a short to ground.
L9969x
Functional behavior in detail
DS14029 - Rev 3
page 38/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com