Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S221A Datasheet(PDF) 46 Page - STMicroelectronics

Part # MPZ2012S221A
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MPZ2012S221A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button MPZ2012S221A Datasheet HTML 42Page - STMicroelectronics MPZ2012S221A Datasheet HTML 43Page - STMicroelectronics MPZ2012S221A Datasheet HTML 44Page - STMicroelectronics MPZ2012S221A Datasheet HTML 45Page - STMicroelectronics MPZ2012S221A Datasheet HTML 46Page - STMicroelectronics MPZ2012S221A Datasheet HTML 47Page - STMicroelectronics MPZ2012S221A Datasheet HTML 48Page - STMicroelectronics MPZ2012S221A Datasheet HTML 49Page - STMicroelectronics MPZ2012S221A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Reference
Part number
Description
Value
Manufacturer
R3
0603 SMD resistor
Not mounted (330 Ω)
C1
0603 MLCC
Not mounted (1 µF, 35 V)
Ciso+, Ciso-
0805 MLCC
Not mounted (1 µF, 50 V)
Dz1
Zener diode
Not mounted (Vz1 = 12
V)
Dz2
4.7 V Zener diode
Not mounted (Vz1 = 4.7
V)
Q1
2STR1215
NPN power transistor
Not mounted
ST
Figure 52. STEVAL-L6983IV1 (top layer)
Figure 53. STEVAL-L6983IV1 (bottom layer)
L6983I
Application board
DS14040 - Rev 1
page 46/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com