Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S221A Datasheet(PDF) 15 Page - STMicroelectronics

Part # MPZ2012S221A
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MPZ2012S221A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MPZ2012S221A Datasheet HTML 11Page - STMicroelectronics MPZ2012S221A Datasheet HTML 12Page - STMicroelectronics MPZ2012S221A Datasheet HTML 13Page - STMicroelectronics MPZ2012S221A Datasheet HTML 14Page - STMicroelectronics MPZ2012S221A Datasheet HTML 15Page - STMicroelectronics MPZ2012S221A Datasheet HTML 16Page - STMicroelectronics MPZ2012S221A Datasheet HTML 17Page - STMicroelectronics MPZ2012S221A Datasheet HTML 18Page - STMicroelectronics MPZ2012S221A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Figure 13. Switching frequency trend with spread spectrum feature activated
5.2
Transformer
The transformer is the key component for the iso-buck, ensuring the desired isolation as well as allowing the
energy transfer to the secondary side, hence generating the secondary isolated output voltage.
More details about the transformer selection are provided in the dedicated section (see Section 10.2 Transformer
selection).
5.3
Secondary side
The secondary side includes an LC filter (secondary winding of the transformer and secondary output capacitor)
and the rectifying element (Schottky diode).
L6983I
Transformer
DS14040 - Rev 1
page 15/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com