Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S221A Datasheet(PDF) 34 Page - STMicroelectronics

Part # MPZ2012S221A
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MPZ2012S221A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button MPZ2012S221A Datasheet HTML 30Page - STMicroelectronics MPZ2012S221A Datasheet HTML 31Page - STMicroelectronics MPZ2012S221A Datasheet HTML 32Page - STMicroelectronics MPZ2012S221A Datasheet HTML 33Page - STMicroelectronics MPZ2012S221A Datasheet HTML 34Page - STMicroelectronics MPZ2012S221A Datasheet HTML 35Page - STMicroelectronics MPZ2012S221A Datasheet HTML 36Page - STMicroelectronics MPZ2012S221A Datasheet HTML 37Page - STMicroelectronics MPZ2012S221A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
9.4
Output External synchronization
The device allows a direct connection between a clock source and the EN/CLKIN pin.
Figure 41. External synchronization (direct connection)
VIN
VIN
EN/CLKIN
AGND
AGND
EP
VIN
GND
L6983I
FSW
RFSW1
VPP
The device internally implements a low-pass filter connected to the EN/CLKIN pin that is able to acquire the
average value of the applied signal.
The device turns on when the average of the signal applied is higher than VEN rising (refer toTable 6. Electrical
characteristics). The device turns off when the average of the signal should be lower than VEN falling (refer to
Table 6. Electrical characteristics). Considering, for example, a clock source with VPP = 5.0 V, the minimum duty
cycle to guarantee the power-up is given by:
Dutymin=VEN,Rising
VPP =0.24
(29)
The maximum duty cycle to guarantee the turn-off is given by:
DutyMAX=VEN,Falling
VPP =0.2
(30)
The device also allows the AC coupling.
L6983I
Output External synchronization
DS14040 - Rev 1
page 34/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com