Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161E Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB161E Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT45DB161E Datasheet HTML 35Page - Renesas Technology Corp AT45DB161E Datasheet HTML 36Page - Renesas Technology Corp AT45DB161E Datasheet HTML 37Page - Renesas Technology Corp AT45DB161E Datasheet HTML 38Page - Renesas Technology Corp AT45DB161E Datasheet HTML 39Page - Renesas Technology Corp AT45DB161E Datasheet HTML 40Page - Renesas Technology Corp AT45DB161E Datasheet HTML 41Page - Renesas Technology Corp AT45DB161E Datasheet HTML 42Page - Renesas Technology Corp AT45DB161E Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
DS-AT45DB161E-8782 Rev. P
Page 39
1/27/23
© 2023 Renesas Electronics
AT45DB161E Datasheet
11.2 Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to consume far less power compared to the standby and
Deep Power-Down modes by shutting down additional internal circuitry. Since almost all active circuitry is
shutdown in this mode to conserve power, the contents of the SRAM buffers cannot be maintained. Therefore,
any data stored in the SRAM buffers is lost once the device enters the Ultra-Deep Power-Down mode.
When the device is in the Ultra-Deep Power-Down mode, all commands including the Status Register Read and
Resume from Deep Power-Down commands are ignored. Since all commands are ignored, the mode can be used
as an extra protection mechanism against program and erase operations.
Entering the Ultra-Deep Power-Down mode is done by asserting the CS pin, clocking in the opcode 79h, and then
deasserting the CS pin. Any additional data clocked into the device after the opcode are ignored. When the CS pin
is deasserted, the device enters the Ultra-Deep Power-Down mode within the maximum time of tEUDPD.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on
an even byte boundary (multiples of eight bits); otherwise, the device aborts the operation and return to the
standby mode once the CS pin is deasserted. Also, the device defaults to the standby mode after a power cycle.
The Ultra-Deep Power-Down command is ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Ultra-Deep Power-Down command must be reissued after the internally self-timed
operation has been completed in order for the device to enter the Ultra-Deep Power-Down mode.
Figure 18. Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tEUDPD
1111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com