Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161E Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB161E Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button AT45DB161E Datasheet HTML 60Page - Renesas Technology Corp AT45DB161E Datasheet HTML 61Page - Renesas Technology Corp AT45DB161E Datasheet HTML 62Page - Renesas Technology Corp AT45DB161E Datasheet HTML 63Page - Renesas Technology Corp AT45DB161E Datasheet HTML 64Page - Renesas Technology Corp AT45DB161E Datasheet HTML 65Page - Renesas Technology Corp AT45DB161E Datasheet HTML 66Page - Renesas Technology Corp AT45DB161E Datasheet HTML 67Page - Renesas Technology Corp AT45DB161E Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
DS-AT45DB161E-8782 Rev. P
Page 64
1/27/23
© 2023 Renesas Electronics
AT45DB161E Datasheet
Figure 44. Read Sector Protection Register (Opcode 32h)
Figure 45. Read Sector Lockdown Register (Opcode 35h)
Figure 46. Read Security Register (Opcode 77h)
Figure 47. Status Register Read (Opcode D7h)
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110010
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
23
1
0
11010111
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
Opcode
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
Status Register Data
Status Register Data
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com